Electronic Components Datasheet Search
  English  ▼

X  

562R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 562R
Description  Lower Voltage Ceramic Disc Capacitors 1000 VDC Temperature & Voltage Stabilized
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

562R Datasheet(HTML) 1 Page - Vishay Siliconix

  562R Datasheet HTML 1Page - Vishay Siliconix 562R Datasheet HTML 2Page - Vishay Siliconix 562R Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
561R & 562R Series
Vishay Cera-Mite
Document Number: 23109
ceramite.support@vishay.com
www.vishay.com
Revision: 04-Oct-06
1
Lower Voltage Ceramic Disc Capacitors
1000 VDC Temperature & Voltage Stabilized
INSULATION RESISTANCE:
min. 1000
ΩF or 50 000 MOhms
TOLERANCE ON CAPACITANCE:
± 10 %
DISSIPATION FACTOR:
2.0 % max. at 1 kHz; 1 V
CATEGORY TEMPERATURE RANGE:
(- 55 to + 125) °C
C0G, U2J
(- 25 to + 85) °C
X5F, X5S
CLIMATIC CATEGORY ACC. TO EN60068-1:
55/125/21
C0G, U2J
25/085/21
X5F, X5S
OPERATING TEMPERATURE RANGE:
(- 55 to + 105) °C
FEATURES
• Low losses
• High stability
• High capacitance in small size
• Complete Range of Capacitance Values
APPLICATIONS
• Bypassing
• Resonant circuit
• Coupling
DESIGN
The capacitors consist of a ceramic disc of which both sides
are silver-plated. Connection leads are made of tinned
copper or tinned copper clad steel having diameters of
0.020" (0.51 mm) or 0.025" (0.64 mm).
The capacitors may be supplied with radial kinked or straight
leads having lead spacing of 0.250 (6.35 mm) or 0.375"
(9.5 mm).
The standard tolerances are ± 10 % or ± 20 %.
Coating is made of resin coating or flame retardant epoxy
resin in accordance with “UL94V-0”.
CAPACITANCE RANGE:
10 pF to 0.10 µF
RATED VOLTAGE:
1000 VDC
DIELECTRIC STRENGTH BETWEEN LEADS:
Component test:
2500 VDC, 2 s
CERAMIC DIELECTRIC:
C0G, U2J (Class 1)
X5F, X5S (Class 2)
LEAD OFFSET ‘LO” (NOMINAL)
1000 VDC
0.050 (1.3 mm)
Fig. 1
D
Max
LO
T
Max
1.250" min (32)
0.125" max (3)
LS
Fig. 2
D
Max
LO
T
Max
1.250” min (32)
0.125” max (3)
LS
RoHS
COMPLIANT


Similar Part No. - 562R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
562R VISHAY-562R Datasheet
96Kb / 5P
Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
23-Jul-2021
562R10TSD10 VISHAY-562R10TSD10 Datasheet
74Kb / 3P
Lower Voltage Ceramic DC Disc Capacitors
15-Feb-13
562R10TSD15 VISHAY-562R10TSD15 Datasheet
74Kb / 3P
Lower Voltage Ceramic DC Disc Capacitors
15-Feb-13
562R10TSD20 VISHAY-562R10TSD20 Datasheet
74Kb / 3P
Lower Voltage Ceramic DC Disc Capacitors
15-Feb-13
562R10TSD22 VISHAY-562R10TSD22 Datasheet
74Kb / 3P
Lower Voltage Ceramic DC Disc Capacitors
15-Feb-13
More results

Similar Description - 562R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
562R5HKZS10 VISHAY-562R5HKZS10 Datasheet
72Kb / 3P
Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
07-Feb-13
561R562R VISHAY-561R562R Datasheet
72Kb / 3P
Lower Voltage Ceramic DC Disc Capacitors 1000 Vdc General Purpose
07-Feb-13
logo
Panasonic Semiconductor
ECK-D3A681KBP PANASONIC-ECK-D3A681KBP Datasheet
46Kb / 3P
Ceramic Disc Capacitors (High Voltage) /KBP
logo
Vishay Siliconix
564R30GAS10 VISHAY-564R30GAS10 Datasheet
80Kb / 5P
Lower Voltage Ceramic Singlelayer DC Disc Capacitors
24-Apr-13
561R1DF0T47 VISHAY-561R1DF0T47 Datasheet
74Kb / 3P
Lower Voltage Ceramic DC Disc Capacitors
15-Feb-13
logo
Panasonic Semiconductor
ECK-D3A102KBP PANASONIC-ECK-D3A102KBP Datasheet
46Kb / 3P
Ceramic Disc Capacitors (High Voltage) /KBP
logo
Vishay Siliconix
HY935 VISHAY-HY935 Datasheet
152Kb / 3P
Lower Voltage Disc Capacitors
14-May-02
564R VISHAY-564R Datasheet
94Kb / 5P
Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
06-Jul-16
564R VISHAY-564R_V01 Datasheet
117Kb / 8P
Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
09-Aug-2021
562R VISHAY-562R Datasheet
96Kb / 5P
Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
23-Jul-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com