Electronic Components Datasheet Search
  English  ▼

X  

R8152S106B Datasheet(PDF) 5 Page - Nisshinbo Micro Devices Inc.

Part # R8152S106B
Description  1 A 24 V LDO for Automotive Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R8152S106B Datasheet(HTML) 5 Page - Nisshinbo Micro Devices Inc.

  R8152S106B Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R8152S106B Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R8152S106B Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R8152S106B Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R8152S106B Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R8152S106B Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R8152S106B Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R8152S106B Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R8152S106B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
R8152x
NO. EC-238-180730
5
ELECTRICAL CHARACTERISTICS
VIN=VSET*1 + 1.5 V, unless otherwise noted.
(–40
C ≤ Ta ≤ 110C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
ISS
Supply Current
VIN = 24 V,
IOUT = 0 A
3.0 V ≤ VSET ≤ 14.0 V
70
140
µA
14.5 V ≤ VSET ≤ 18.0 V
90
150
Istandby Standby Current
VIN = 24 V, VCE = 0 V, VOUT = 0 V
0.1
1.5
µA
VOUT
Output Voltage
IOUT = 1 mA
Ta = 25°C
VSET
x0.98
VSET
VSET
x1.02
V
–40
C ≤ Ta ≤ 110C
VSET
x0.96
VSET
x1.04
VOUT
/
IOUT
Load Regulation
0.1 mA ≤ IOUT ≤ 1 A
125
200
mV
VOUT
/
VIN
Line Regulation
VOUT + 0.2 V ≤ VIN ≤ 24 V, IOUT = 1 mA
0.10
0.25
%
VDIF
Dropout Voltage
IOUT = 1 A
Refer to the Product-specific
Electrical Characteristics
ILIM
Output Current Limit
VIN = VSET + 2.0 V
1
A
ISC
Short Current Limit
VIN = 3 V,
VOUT = 0 V
Ta = 25°C
100
250
mA
–40
C ≤ Ta ≤ 110C
450
VCEH
CE Input Voltage “H”
2
VIN
V
VCEL
CE Input Voltage “L”
0
0.5
V
TTSD
Thermal Shutdown
Temparature
Junction Temperature
150
165
°C
TTSR
Thermal Shutdown
Released Temparature
Junction Temperature
125
140
°C
IPD
CE Pull-down Current
VIN = 24 V, VCE = 24 V
0.6
1.2
µA
All test items listed under Electrical Characteristics are done under the pulse load condition (–40
C ≤ Ta ≤ 110C).
*1 VSET = Set Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com