Electronic Components Datasheet Search
  English  ▼

X  

SCB12450 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SCB12450
Description  SMA/F-MMCX/M-RA FLEXIBLE CABLES RG316 SCB12450-XX
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SCB12450 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SCB12450 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
DWG NO
SIZE
SCALE
A
SCB12450-XX
- -
3FKR5
FAIRVIEW MICROWAVE INC.
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
ALL DIMENSIONS IN inches(MM) Typical
SMA/F-MMCX/M-RA FLEXIBLE CABLES RG316
MEASUREMENTS BELOW ARE TYPICAL
SPECIFICATIONS
SMA/F-MMCX/M-RA FLEXIBLE CABLES RG316
SCB12450-XX
XX-+/-0.10in
SMA/F
MMCX/M-RA
PROTECTIVE HEAT SHRINK


Similar Part No. - SCB12450

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SCB12452 FAIRVIEW-SCB12452 Datasheet
134Kb / 1P
SMA/M-MMCX/M-RA FLEXIBLE CABLE RG174 SCB12452-XX
SCB12454 FAIRVIEW-SCB12454 Datasheet
129Kb / 1P
SMA/M-MMCX/M-RA FLEXIBLE CABLES RG316 SCB12454-XX
More results

Similar Description - SCB12450

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73065 POMONA-73065 Datasheet
126Kb / 1P
MMCX Plug to SMA Bulkhead Jack, RG316/U
73066 POMONA-73066 Datasheet
125Kb / 1P
MMCX Right-Angle Plug to SMA Bulkhead Jack, RG316/U
logo
Mini-Circuits
SF-MQK50 MINI-SF-MQK50 Datasheet
215Kb / 1P
SMA-F to SMA-M
logo
Taoglas antenna solutio...
FXP14.09.0100A TAOGLAS-FXP14.09.0100A Datasheet
1Mb / 8P
MMCX(M) RA Connector
PCB-RPSMAFRA-HT TAOGLAS-PCB-RPSMAFRA-HT Datasheet
245Kb / 3P
RP-SMA(F)RA PCB Mount Jack Connector
PC240090300K TAOGLAS-PC240090300K Datasheet
935Kb / 15P
Embedded T-Bar 433MHz Adhesive/Screw Mounted Helical Dipole with 0.3M RG316 MMCX(M)RA
logo
Pasternack Enterprises,...
PE34122 PASTERNACK-PE34122 Datasheet
660Kb / 4P
SMA Male to MMCX Plug Cable Using RG316 Coax
logo
CRYSTEK CORPORATION
CCMX-MM-RG316-6 CRYSTEKMICROWAVE-CCMX-MM-RG316-6 Datasheet
867Kb / 2P
RG316 50 Ohm MMCX Coaxial Cables
logo
Molex Electronics Ltd.
897612320 MOLEX-897612320 Datasheet
75Kb / 1P
CA, SMA PLUG STR TO MMCX PLUG STRWITH RG316 CA-SMA P/MMCX P
2007/01/08
897616790 MOLEX-897616790 Datasheet
54Kb / 1P
MMCX PLUG RA TO MMCX PLUG RA ON RG316 CA-MMCX, EWR-3874
2009/01/08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com