Electronic Components Datasheet Search
  English  ▼

X  

SCB15045 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SCB15045
Description  REV FAIRVIEW MICROWAVE INC. SMA FLEXABLE CABLES 3GHZ RG 174 ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SCB15045 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SCB15045 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
DWG NO
SIZE
REV
SHEET
SCALE
CAGE CODE
A
SMA FLEXABLE CABLES 3GHZ RG 174
SPECIFICATIONS
SMA-M
XX" +/- .050"
FLEXIBLE CABLE 0.11" DIA
SMA-M
3FKR5
SOLDER CONNECTION
PROTECTIVE HEAT SHRINK
FAIRVIEW MICROWAVE INC.
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
ALL DIMENSIONS IN inches(MM) Typical
MEASUREMENTS BELOW ARE TYPICAL


Similar Part No. - SCB15045

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SCB15031 FAIRVIEW-SCB15031 Datasheet
115Kb / 1P
REV FAIRVIEW, TX WWW.FAIRVIEWMICROWAVE.COM SHEET FAIRVIEW MICROWAVE
REV A
SCB15032 FAIRVIEW-SCB15032 Datasheet
53Kb / 1P
REV HEX .315" FAIRVIEW, TX WWW.FAIRVIEWMICROWAVE.COM .411" SHEET
REV A
SCB15034 FAIRVIEW-SCB15034 Datasheet
124Kb / 1P
REV FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM 0.312"Hex SHEET
REV A
SCB15036 FAIRVIEW-SCB15036 Datasheet
97Kb / 1P
FAIRVIEW, TX WWW.FAIRVIEWMICROWAVE.COM SMA/M/RA-SMA/M/RA RG316 CABLES 3GHZ
REV A
SCB15037 FAIRVIEW-SCB15037 Datasheet
54Kb / 1P
- - FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM SMA/MRA-SMA/MRA FLEXIBLE CABLES 6
More results

Similar Description - SCB15045

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73251-0930 MOLEX11-73251-0930 Datasheet
32Kb / 1P
50 Ohms, SMA Bulkhead Jack, Crimp, RG-174, RG-188 and RG-316 Cable
0732510933 MOLEX11-0732510933 Datasheet
72Kb / 1P
50 Ohms, SMA Bulkhead Jack, Crimp, RG-174, RG-188 and RG-316 Cable
0732511960 MOLEX11-0732511960 Datasheet
64Kb / 1P
50 Ohms, SMA Bulkhead Jack, Crimp, RG-174, RG-188 and RG-316 Cable
0733910220 MOLEX11-0733910220 Datasheet
28Kb / 1P
50 Ohms, SMA Bulkhead Jack, Crimp RG-174, RG-188 and RG-316 Cable,
0732510151 MOLEX11-0732510151 Datasheet
43Kb / 1P
50 Ohms, SMA Plug, Straight, Crimp, RG-174, RG-188, RG-316 Cable
0732510211 MOLEX11-0732510211 Datasheet
69Kb / 1P
50 Ohms, SMA Right-Angle Plug, RG-174, RG-188 and RG-316 Cable
0732510450 MOLEX11-0732510450 Datasheet
49Kb / 1P
50 Ohms, SMA Plug, Straight, Crimp, RG-174, RG-188, and RG-316 Cable
0732510451 MOLEX11-0732510451 Datasheet
49Kb / 1P
50 Ohms, SMA Plug, Straight, Crimp, RG-174, RG-188, and RG-316 Cable
logo
List of Unclassifed Man...
RG-213 ETC1-RG-213 Datasheet
166Kb / 1P
RG Cables
logo
Linx Technologies
CONSMA011-G LINX-CONSMA011-G Datasheet
328Kb / 2P
SMA FEMALE CABLE END CRIMP FOR RG-174 CABLE
21/JAN/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com