Electronic Components Datasheet Search
  English  ▼

X  

USB-4702 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # USB-4702
Description  10 kS/s, 12-Bit, 8-Ch Multifunction DAQ USB Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

USB-4702 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  USB-4702 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Industrial I/O
Features
10 kS/s, 12-Bit, 8-Ch Multifunction DAQ
USB Module
48 kS/s, 14-Bit, 8-Ch Multifunction DAQ
USB Module
USB-4702
USB-4704
Introduction
USB-4702 and USB-4704 are low-cost USB data acquisition modules that can be installed without opening the chassis; simply plug in the modules to access collected data. Reliable
and rugged enough for industrial applications, yet sufficiently affordable for home systems, USB-4702 and USB-4704 DAQ modules provide an easy and efficient means of adding
measurement and control capabilities to USB-capable computers. Additionally, because USB-4702 and USB-4704 draw power from the computer via the USB port, no external power
connection is required, making these modules the most cost-effective solution for testing and measurement applications.
ƒ Supports USB 2.0
ƒ Portable
ƒ Bus powered
ƒ 8 x Analog input channels
ƒ 12-bit (USB-4702), 14-bit (USB-4704) resolution AI
ƒ Sampling rates of up to 10 kS/s (USB-4702), 48 kS/s (USB-4704)
ƒ 8-ch Digital input/8-ch digital output, 2-ch analog output, and 1 x 32-bit
counter
Specifications
Analog Input
ƒ
Channels
8 single ended/4 differential (software programmable)
ƒ
Resolution
USB-4702: single ended: 11 bits
Differential: 12 bits
USB-4704: single ended: 13 bits
Differential: 14 bits
ƒ
Max. Sampling Rate
USB-4702: 10 kS/s max.
USB-4704: 48 kS/s max.
Note: The sampling rate of each channel is influenced by the number of used channels.
For example, if 4 channels are used, the sampling rate will be 10k/4 = 2.5 kS/s per channel.
ƒ
FIFO Size
512 samples
ƒ
Overvoltage Protection
30 Vp-p
ƒ
Input Impedance
127 k
Ω
ƒ
Sampling Modes
Software, onboard programmable pacer, and external
ƒ
Input Range and Absolute Accuracy
Single Ended
±10
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Differential
N/A
±1
±1.25
±2
±2.5
±4
±5
±10
±20
Absolute
Accuracy
(% of FSR)*
USB-
4702
0.2
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
USB-
4704
0.15
0.1
0.1
0.1
0.1
0.1
0.1
0.15
0.15
* ±1 LSB is added as the derivative for absolute accuracy
Analog Output
ƒ
Channels
2
ƒ
Resolution
12 bits
ƒ
Output Rate
Static update
ƒ
Output Range
0 ~ 5 V (software programmable)
ƒ
Slew Rate
0.7 V/μs
ƒ
Driving Capability
5 mA
ƒ
Output Impedance
51
Ω
ƒ
Operation Mode
Single output
ƒ
Accuracy
Relative: ±12 LSB
Differential non-linearity: ±5 LSB
Digital Input
ƒ
Channels
8
ƒ
Compatibility
3.3 V/5 V/TTL
ƒ
Input Voltage
Logic 0: 0.8 V max.
Logic 1: 2.0 V min.
Digital Output
ƒ
Channels
8
ƒ
Compatibility
TTL
ƒ
Output Voltage
Logic 0: 0.4 V max.@ 4 mA (sink)
Logic 1: 3.5 V min.@ 4 mA (source)
Counter
ƒ
Channels
1
ƒ
Resolution
32 bits
ƒ
Compatibility
3.3 V/TTL
ƒ
Max. Input Frequency
5 MHz
General
ƒ
Bus Type
USB 2.0
ƒ
I/O Connector
USB-4702: 1 x DB37, female
USB-4704: Onboard screw terminal
ƒ
Dimensions (L x W x H) USB-4702: 70 x 70 mm (2.76" x 2.76")
USB-4704: 132 x 80 x 32 mm (5.2" x 3.15" x 1.26")
ƒ
Power Consumption
Typical: 5 V @ 100 mA
Max.: 5 V @ 500 mA
ƒ
Operating Temperature 0 ~ 55 °C (32 ~ 131 °F)
ƒ
Storage Temperature
-20 ~ 70 °C (-4 ~ 158 °F)
ƒ
Storage Humidity
5 ~ 95% RH non-condensing
Ordering Information
ƒ
USB-4702-AE
10 kS/s, 12-bit, 8-ch multifunction DAQ USB module
ƒ
USB-4704-AE
48 kS/s, 14-bit, 8-ch multifunction DAQ USB module
Accessories
ƒ
PCL-10137-1E
DB37 cable, 1 m
ƒ
PCL-10137-2E
DB37 cable, 2 m
ƒ
PCL-10137-3E
DB37 cable, 3 m
ƒ
ADAM-3937-BE
DB37 DIN rail wiring board
ƒ
1960004544
Wall mount bracket
ƒ
1960005788
VESA mount bracket
USB-4704
USB-4702
RoHS
COMPLIANT
2002/95/EC
Last updated: 13-Sep-2017
All product specifications are subject to change without notice.


Similar Part No. - USB-4702

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USB-4702 ADVANTECH-USB-4702 Datasheet
272Kb / 1P
10 kS/s, 12-bit, 8-ch Multifunction USB Module
USB-4702-AE ADVANTECH-USB-4702-AE Datasheet
196Kb / 1P
10 kS/s, 12-bit, 8-ch Multifunction DAQ USB Module
More results

Similar Description - USB-4702

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCL-711B ADVANTECH-PCL-711B Datasheet
534Kb / 1P
40 kS/s, 12-bit, 8-ch ISA Multifunction Card
USB-4702 ADVANTECH-USB-4702 Datasheet
272Kb / 1P
10 kS/s, 12-bit, 8-ch Multifunction USB Module
USB-4711A ADVANTECH-USB-4711A Datasheet
527Kb / 1P
150 kS/s, 12-bit, 16-ch Multifunction USB Module
PCI-1711U ADVANTECH-PCI-1711U_15 Datasheet
209Kb / 1P
100 kS/s, 12-bit, 16-ch Universal PCI Multifunction DAQ Card
PCIE-1810 ADVANTECH-PCIE-1810_15 Datasheet
218Kb / 1P
800 kS/s, 12-bit, 16-ch PCI Express Multifunction DAQ Car
PCL-711B_DS ADVANTECH-PCL-711B_DS Datasheet
164Kb / 1P
40 kS/s, 12-bit, 8-ch ISA Multifunction Card
USB-4702-AE ADVANTECH-USB-4702-AE Datasheet
196Kb / 1P
10 kS/s, 12-bit, 8-ch Multifunction DAQ USB Module
USB-4711A ADVANTECH-USB-4711A_15 Datasheet
159Kb / 1P
150 kS/s, 12-bit, 16-ch Multifunction DAQ USB Module
USB-4716-AE ADVANTECH-USB-4716-AE Datasheet
161Kb / 1P
200 kS/s, 16-bit, 16-ch Multifunction DAQ USB Module
USB-4716 ADVANTECH-USB-4716 Datasheet
296Kb / 1P
200 kS/s, 16-Bit, 16-Ch Multifunction DAQ USB Module
16-Dec-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com