Electronic Components Datasheet Search
  English  ▼

X  

USB-4630 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # USB-4630
Description  5-Port Isolated USB 2.0 Full-Speed Hub
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

USB-4630 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  USB-4630 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Industrial I/O
USB-4620
USB-4622
USB-4630
5-Port Isolated USB 2.0 Full-Speed Hub
5-Port USB 2.0 High-Speed Hub
4-Port Isolated USB 3.0 SuperSpeed™ Hub
USB-4620
USB-4622
USB-4630
Specifications
Connectivity
ƒ
Ports
1 x Upstream (Type B)
5 x Downstream (Type A)
ƒ
Compatibility
USB 2.0 full speed
ƒ
Transfer Speed
12 Mbps
ƒ
Supply Current
500 mA max. per
channel
General
ƒ
Housing
Plastic (ABS+PC)
ƒ
Dimensions (L x W x H)
132 x 80 x 32 mm
(5.2" x 3.15" x 1.26")
ƒ
DC Input
10 ~ 30 VDC
ƒ
Power Consumption
24 V @ 36 mA
ƒ
Operating Temperature
0 ~ 60 °C (32 ~ 140 °F)
ƒ
Storage Temperature
-20 ~ 70 °C
(-4 ~ 158 °F)
ƒ
Storage Humidity
5 ~ 95% RH
non-condensing
Protection
ƒ
Isolation Protection
3,000 VDC
Ordering Information
ƒ
USB-4620-AE
5-port isolated USB 2.0
full-speed hub
Accessories
ƒ
96PSD-A40W24-MM
DIN rail power supply,
40 W, 24 V
ƒ
1960004544
Wall mount bracket
ƒ
1960005788
VESA mount bracket
ƒ
USB-LOCKCABLE-AE
Lockable USB 2.0 cable,
1 m, with screw kit
Features
ƒ
5 downstream USB 2.0 ports
ƒ
Supports USB 2.0 full speed
ƒ
3,000 VDC voltage isolation for each downstream port
ƒ
Suitable for DIN rail mounting
ƒ
USB 2.0 lockable cable included (1.8m, A-Male to
B-Male)
ƒ
10 ~ 30 VDC power input (power adapter not included)
Specifications
Connectivity
ƒ
Ports
1 x Upstream (Type B)
5 x Downstream (Type A)
ƒ
Compatibility
USB 2.0 high speed,
USB 2.0 full speed,
USB 1.0
ƒ
Transfer Speed
480 Mbps/12 Mbps/1.5
Mbps
ƒ
Supply Current
500 mA max. per channel
General
ƒ
Housing
Plastic (ABS+PC)
ƒ
Dimensions (L x W x H)
132 x 80 x 32 mm
(5.2" x 3.15" x 1.26")
ƒ
DC Input
10 ~ 30 VDC
ƒ
Power Consumption
24 V @ 36 mA
ƒ
Operating Temperature
0 ~ 60 °C (32 ~ 140 °F)
ƒ
Storage Temperature
-20 ~ 70 °C (-4 ~ 158 °F)
ƒ
Storage Humidity
5 ~ 95% RH
non-condensing
Ordering Information
ƒ
USB-4622-CE
5-port USB 2.0
high-speed hub
Accessories
ƒ
96PSD-A40W24-MM
DIN rail power supply,
40 W, 24 V
ƒ
1960004544
Wall mount bracket
ƒ
1960005788
VESA mount bracket
ƒ
USB-LOCKCABLE-AE
Lockable USB 2.0 cable,
1 m, with screw kit
Specifications
Connectivity
ƒ
Ports
1 x Upstream (Type B)
4 x Downstream (Type A)
ƒ
Compatibility
USB 3.0 SuperSpeed
ƒ
Transfer Speed
5 Gbps shared by all
downstream ports
ƒ
Load Current
External power: 900 mA
max. per port
USB bus power: 700 mA
max. shared by all ports
General
ƒ
Housing
Sheet Metal (SGCC)
ƒ
Dimensions (L x W x H)
132 x 80 x 32 mm
(5.2" x 3.15" x 1.26")
ƒ
Power Input
10 ~ 30 VDC
ƒ
Power Consumption
1.5 W (no load)
ƒ
Operating Temperature
0 ~ 70 °C (32 ~ 158 °F)
with external power
0 ~ 60 °C (32 ~ 140 °F)
with USB bus power
ƒ
Storage Temperature
-20 ~ 70 °C
(-4 ~ 158 °F)
ƒ
Storage Humidity
5 ~ 95% RH
(non-condensing)
Protection
ƒ
Isolation Protection
2,500 VDC (Upstream Port)
ƒ
ESD Protection
Contact discharge: 8kVrms
(Level 4)
Air discharge: 15kVrms
(Level 4)
Ordering Information
ƒ
USB-4630-BE
4-port isolated USB 3.0
SuperSpeed™ hub
ƒ
PSD-A40W12
DIN Rail AC to DC
100-240V 40W 12V
ƒ
PSD-A40W24
DIN Rail AC to DC
100-240V 40W 24V
Features
ƒ
5 downstream USB 2.0 ports
ƒ
Supports USB 2.0 high speed, USB 2.0 full speed,
and USB 1.0
ƒ
480 Mbps high-speed data transfer
ƒ
LED indicator
ƒ
Suitable for DIN rail mounting
ƒ
USB 2.0 lockable cable included (1.8m, A-Male to
B-Male)
ƒ
10 ~ 30 VDC power input (power adapter not included)
Features
ƒ
2,500 VDC voltage isolation for upstream ports
ƒ
4 x downstream USB 3.0 SuperSpeed™ ports
ƒ
Can be powered via a USB bus or 10 ~ 30 VDC
external power source
ƒ
Level 4 ESD protection
ƒ
Power status and downstream port speed LED
indicators
ƒ
The world's first isolated USB 3.0 SuperSpeed Hub
ƒ
Up to 5 Gbps transfer speed
ƒ
USB 3.0 lockable cable included (1m, A-Male to
B-Male)
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 6-Feb-2023


Similar Part No. - USB-4630

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USB-4630 ADVANTECH-USB-4630 Datasheet
584Kb / 1P
5-Port Isolated USB 2.0 Full-Speed Hub
29-Sep-2020
USB-4630-AE ADVANTECH-USB-4630-AE Datasheet
584Kb / 1P
5-Port Isolated USB 2.0 Full-Speed Hub
29-Sep-2020
More results

Similar Description - USB-4630

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2513 SMSC-USB2513 Datasheet
998Kb / 48P
USB 2.0 High-Speed 3-Port Hub Controller
logo
Advantech Co., Ltd.
USB-4622 ADVANTECH-USB-4622 Datasheet
188Kb / 1P
5-port USB 2.0 Hub
logo
SMSC Corporation
USB2533 SMSC-USB2533 Datasheet
891Kb / 61P
USB 2.0 Hi-Speed 3-Port Hub Controller
logo
List of Unclassifed Man...
U222-007-R ETC2-U222-007-R Datasheet
511Kb / 4P
7-Port USB 2.0 Hi-Speed Hub
logo
Tripp Lite. All Rights ...
U222007R TRIPPLITE-U222007R Datasheet
506Kb / 2P
7-Port USB 2.0 Hi-Speed Hub
U225004R TRIPPLITE-U225004R Datasheet
512Kb / 2P
4-Port USB 2.0 Hi-Speed Hub
logo
Advantech Co., Ltd.
USB-4620 ADVANTECH-USB-4620_15 Datasheet
207Kb / 1P
5-port Full-speed Isolated USB 2.0 Hub
logo
Microchip Technology
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
logo
Advantech Co., Ltd.
USB-4620 ADVANTECH-USB-4620 Datasheet
584Kb / 1P
5-Port Isolated USB 2.0 Full-Speed Hub
29-Sep-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com