Electronic Components Datasheet Search
  English  ▼

X  

C85FCAAA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # C85FCAAA
Description  7.0 mm x 5.0 mm XO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C85FCAAA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  C85FCAAA Datasheet HTML 1Page - List of Unclassifed Manufacturers C85FCAAA Datasheet HTML 2Page - List of Unclassifed Manufacturers C85FCAAA Datasheet HTML 3Page - List of Unclassifed Manufacturers C85FCAAA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7.0 mm x 5.0 mm XO
C85F series
www.bliley.com
2545 West Grandview Blvd Erie, PA. 16506
Tel
(814) 838-3571
Page 4 of 4
Rev 1.2
How to Order This Product:
Contact Bliley Technologies with Product Selection Code from Ordering Options Section above.
Attn:
Sales @ Bliley
Fax: 814-833-2712
Phone: 814-838-3571
Email: info@bliley.com
Web: www.bliley.com
Date: ____________
From:
Name: ____________________ Company: ___________________
Fax: ______________________ Phone: _____________________
Email: _________________________________________________
Quantities to Quote: ______________ Target Price: $___________
Application / Reference #: _________________________________



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com