Electronic Components Datasheet Search
  English  ▼

X  

700 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # 700
Description  Tflex™ 700 Series Thermal Gap Filler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

700 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  700 Datasheet HTML 1Page - Laird Tech Smart Technology 700 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tflex™ 700 Series
Thermal Gap Filler
FEATURES AND BENEFITS
• Thermal conductivity 5.0 W/mK
• Highly compliant
• Low thermal resistance even at low
pressure
• Available in thicknesses from 0.020” thru
0.200” (0.5mm thru 5.0mm)
• Naturally tacky for adhesion during
assembly and transport
HIGHEST THERMAL CONDUCTIVITY COMPLIANT GAP FILLER
Tflex™ 700 is a 5 W/mK soft gap filler thermal interface material with great thermal
performance and high compliancy. The soft interface pad conforms to component topography,
resulting in little or no stress on the components and mating chassis or parts.
Unique silicone and ceramic filler technology allows a combination of high compliancy and
high thermal performance. Tflex™ 700 is stable from -45ºC thru 200ºC and meets UL 94V0
flame rating. Naturally tacky, it requires no additional adhesive coating which inhibits thermal
performance.
APPLICATIONS
• Cooling components to chassis, frame
or other mating components
• Mass storage devices
• Heat pipe thermal solutions for notebook
computers
• Automotive engine control
• Telecommunication hardware
• LED solid state lighting
• Power electronics
• Flat panel displays
• Audio and video components
• Computer servers and other IT infrastructure
• GPS navigation and other portable devices
Americas: +1.800.843.4556
Europe: +49.8031.24600
Asia: +86.755.2714.116
CLV-customerservice@lairdtech.com
Farnell Description :
Laird-PN:
Tflex 720 9x9in, thickness = 0.5 mm
A15196-02
Tflex 740 9x9in, thickness = 1.0 mm
A15896-04
Tflex 780 9x9in, thickness = 2.0 mm
A15796-26
Tflex 7160 9x9in, thickness = 4.0 mm
A15896-31
Tflex 7200 9x9in, thickness = 5.0 mm
A15796-28


Similar Part No. - 700

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
700 MICROSEMI-700 Datasheet
82Kb / 2P
RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 2.5 AMP, STANDARD AND FAST RECOVERY
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
PUSHBUTTON SWITCHES - SNAP-ACTING
logo
Honeywell Solid State E...
700 HONEYWELL-700 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
List of Unclassifed Man...
700 ETC2-700 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
logo
Bourns Electronic Solut...
700 BOURNS-700 Datasheet
332Kb / 2P
RC Terminator Networks
More results

Similar Description - 700

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
HD300 LSTD-HD300 Datasheet
240Kb / 1P
High Deflection Thermal Gap Filler
HR600 LSTD-HR600 Datasheet
815Kb / 2P
Thermal Gap Filler
TFLEX300 LSTD-TFLEX300 Datasheet
232Kb / 2P
Thermal Gap Filler
logo
Wurth Elektronik GmbH &...
40111020 WURTH-40111020 Datasheet
209Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
40001050 WURTH-40001050 Datasheet
209Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
logo
Laird Tech Smart Techno...
RB300 LSTD-RB300 Datasheet
183Kb / 2P
Thermal Gap Filler
081621
HD700 LSTD-HD700 Datasheet
184Kb / 2P
Thermal Gap Filler
logo
Wurth Elektronik GmbH &...
40004040 WURTH-40004040 Datasheet
290Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
40101005 WURTH-40101005 Datasheet
290Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
40105005 WURTH-40105005 Datasheet
291Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com