Electronic Components Datasheet Search
  English  ▼

X  

1104 Datasheet(PDF) 1 Page - Serpac

Part # 1104
Description  Enclosure can hold either a 0.032" PCB or a 0.063 PCB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SERPAC [Serpac]
Direct Link  https://www.serpac.com/
Logo SERPAC - Serpac

1104 Datasheet(HTML) 1 Page - Serpac

  1104 Datasheet HTML 1Page - Serpac 1104 Datasheet HTML 2Page - Serpac  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.390
.755
.030
Enclosure can hold either a 0.032" PCB or a 0.063 PCB
PCB dimensions are: (PCB drawings on page 2)
0.032" [.8mm] PCB 2.16" X 1.52" (0.20" center hole)
0.063" [1.6mm] PCB 2.12" X 1.48" (0.26" center hole)
ALL DIMENSIONS ARE ± .010"
CH6
Ph. (626) 331-0517 Fx. (626) 331-8584 www.serpac.com
2009 Wright Ave., La Verne, CA 91750
7/19/12
NOTES:
1) When machine or I-plates modifications are required,
use the center of the enclosure to dimension.
Bottom
SECTION A-A
Top
/sd)
4X @ ribs
for 0.063" PCB
.247
.186
for 0.032" PCB
0.032" thk PCB
to trap
@ perimeter
.030
.005
@ 4 corners
0.065" thk PCB
to trap
.065
.305(-1
.065
typ.
R.150
typ.
Top
Insert
Area
1.963
1.313
Insert Area
DETAIL B
corner detail
Bottom
B
.185
1.717
2.390
.247
.310
A
A
PART
NO.
DESCRIPTION
ACCSESSORIES
1103
CH6 TOP
PART
NO.
DESCRIPTION
1104
CH6 BOTTOM
55
KEY HOLDER
6007
SCREW 2x3/4” PHILFLAT H/L (1)


Similar Part No. - 1104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1104 ETC-1104 Datasheet
174Kb / 1P
CAROL STREAM, ILLINOIS 60188
7/11/18
1104 ETC-1104 Datasheet
137Kb / 1P
Heyco짰 Original Strain Relief Bushings
logo
Heyco.
1104 HEYCO-1104 Datasheet
136Kb / 1P
Original Strain Relief Bushings
logo
List of Unclassifed Man...
1104 ETC-1104 Datasheet
3Mb / 32P
TORQUE PRODUCTS
logo
Infinite Electronics In...
1104 L-COM-1104 Datasheet
100Kb / 1P
MMCX RIGHT ANGLE PLUG CRIMP
3/9/10
More results

Similar Description - 1104

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
031-6294 AMPHENOL-031-6294 Datasheet
51Kb / 1P
TNC R/A PCB BULKHEAD
logo
Adam Technologies, Inc.
RF45-500-5 ADAM-TECH-RF45-500-5 Datasheet
68Kb / 1P
PAL R/A PCB MOUNT
logo
Abracon Corporation
AOCTQ5 ABRACON-AOCTQ5 Datasheet
1Mb / 3P
Either CMOS or Sinewave output
07.21.15
logo
Aries Electronics, Inc.
625 ARIES-625 Datasheet
937Kb / 1P
Available in either Screw Machine or Coined Contacts in a Variety of Styles
logo
Maxim Integrated Produc...
MAX32520-KIT MAXIM-MAX32520-KIT Datasheet
1Mb / 11P
Board Power Provided by Either USB Port or from a Host Processor
Rev 1; 10/19
logo
BusBoard Prototype Syst...
1553B BUSBOARD-1553B Datasheet
1Mb / 5P
A Hammond 1553B soft-side plastic enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
1590B BUSBOARD-1590B Datasheet
986Kb / 5P
A Hammond 1590B rugged die-cast enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
1593K BUSBOARD-1593K Datasheet
961Kb / 4P
A Hammond 1593K handheld plastic enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
logo
Guangdong Youtai Semico...
SM12T1G UMW-SM12T1G Datasheet
341Kb / 5P
SOT−23 Package Allows Either Two Separate Unidirectional Configurations or a Single Bidirectional Configuration
SMXXT1G UMW-SMXXT1G Datasheet
341Kb / 5P
SOT−23 Package Allows Either Two Separate Unidirectional Configurations or a Single Bidirectional Configuration
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com