Electronic Components Datasheet Search
  English  ▼

X  

C85FBCAA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C85FBCAA
Description  7.0 mm x 5.0 mm XO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C85FBCAA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C85FBCAA Datasheet HTML 1Page - List of Unclassifed Manufacturers C85FBCAA Datasheet HTML 2Page - List of Unclassifed Manufacturers C85FBCAA Datasheet HTML 3Page - List of Unclassifed Manufacturers C85FBCAA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
7.0 mm x 5.0 mm XO
C85F series
www.bliley.com
2545 West Grandview Blvd Erie, PA. 16506
Tel
(814) 838-3571
Page 1 of 4
Rev 1.2
Description:
The C85F Crystal Oscillator
(XO) Series products provide a
wide range of options in
temperature stability, operating
frequency range, and ultra low
phase jitter in a 7.0 x 5.0 mm
ceramic package.
Feature s:
• Available in frequencies from 19.44
MHz to 320 MHz.
• Tri-state Enable/Disable
• Hermetically sealed ceramic
SMD package
• RoHS-6/Leadfree compliant
• Integrated jitter 0.3 pS max.
• PECL and LVDS outputs
Frequency Range, Operating Temperature, and Frequency Stability:
Frequency
Operating Temperature
Product Code
Freq. Stability
Product Code
-10 to +60C
A
+/- 25 ppm
A
0 to +70C
B
+/- 50 ppm
B
-20 to 70C
C
+/- 75 ppm
C
19.44 to 320MHz
-40 to 85C
D
+/-100ppm
D
•
***Frequency stability includes 25C tolerance, drift over temperature, change versus voltage and load, 20 year aging,
shock and vibration
•
Aging: (typical at 20MHz after 30 days continuous operation)
Frequency
Timeframe
Aging
Product Code
20 MHz
1st Year
+/- 5.0ppm
N/A
Supply Voltage (Vs):
Power Supply (Vs)
2.5 Vdc +/-10%
3.3 Vdc +/-10%
Product Code
A
B
Supply Voltage Sensitivity ( +/- 10% ) : +/- 2 ppm max. frequency change
Current Consumption ( IDD ):
IDD ( at 2.5V )
IDD ( at 3.3V )
PECL / LVDS
PECL / LVDS
Frequency Range ( MHz )
mA
mA
19.440 to 160.000
75 / 50
75 / 50
160.000 to 250.000
100 / 50
100 / 50
250.000 to 320.000
100 / 65
100 / 65
Environmental:
Storage Temperature
-55 to +125
°C


Similar Part No. - C85FBCAA

ManufacturerPart #DatasheetDescription
logo
EPCOS
C850 EPCOS-C850 Datasheet
436Kb / 16P
PTC thermistors for overcurrent protection
logo
Bourns Electronic Solut...
C850-100-WH BOURNS-C850-100-WH Datasheet
648Kb / 6P
Transient Blocking Units - TBU??Devices
C850-100-WH BOURNS-C850-100-WH Datasheet
694Kb / 6P
C650 and C850 Series TBU짰 High-Speed Protectors
C850-100-WH BOURNS-C850-100-WH Datasheet
667Kb / 6P
TBU High-Speed Protectors
C850-180-WH BOURNS-C850-180-WH Datasheet
648Kb / 6P
Transient Blocking Units - TBU??Devices
More results

Similar Description - C85FBCAA

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
PMX MTRONPTI-PMX Datasheet
209Kb / 1P
5.0 x 7.0 x 1.2 mm
PM MTRONPTI-PM_08 Datasheet
370Kb / 2P
Surface Mount Crystals 5.0 x 7.0 x 1.3 mm
logo
ILSI America LLC
ISM81 ILSI-ISM81 Datasheet
148Kb / 2P
5.0 mm x 7.0 mm Ceramic Package SMD Oscillator
logo
TAITIEN ELECTRONICS CO....
XO-0166-PC-U TAITIEN-XO-0166-PC-U Datasheet
425Kb / 1P
FASTXO 7.0 x 5.0 mm SMD XO Frequency up to 200MHz
XO-0117-OT-M-CMOS TAITIEN-XO-0117-OT-M-CMOS Datasheet
232Kb / 1P
7.0 x 5.0 mm SMD CMOS Crystal Oscillator
XO-0007-OC-TYPE TAITIEN-XO-0007-OC-TYPE Datasheet
231Kb / 1P
7.0 x 5.0 mm SMD Crystal Oscillator
XO-0055-OC-M TAITIEN-XO-0055-OC-M Datasheet
373Kb / 1P
7.0 x 5.0 mm SMD Crystal Oscillator
XO-0092-OT-HCSL TAITIEN-XO-0092-OT-HCSL Datasheet
342Kb / 1P
7.0 x 5.0 mm SMD HCSL Crystal Oscillator
logo
Rakon Limited
QEN101 RAKON-QEN101 Datasheet
458Kb / 4P
7.0 x 5.0 mm, SMD
05 December 2022
logo
Xtaltq Technologies Co....
BS0507A XTALTQ-BS0507A Datasheet
253Kb / 2P
Typical 7.0 x 5.0 x 1.3 mm ceramic SMD package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com