Electronic Components Datasheet Search
  English  ▼

X  

85C72 Datasheet(PDF) 3 Page - Microchip Technology

Part # 85C72
Description  1K/2K/4K 5.0V CMOS Serial EEPROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

85C72 Datasheet(HTML) 3 Page - Microchip Technology

  85C72 Datasheet HTML 1Page - Microchip Technology 85C72 Datasheet HTML 2Page - Microchip Technology 85C72 Datasheet HTML 3Page - Microchip Technology 85C72 Datasheet HTML 4Page - Microchip Technology 85C72 Datasheet HTML 5Page - Microchip Technology 85C72 Datasheet HTML 6Page - Microchip Technology 85C72 Datasheet HTML 7Page - Microchip Technology 85C72 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 1995 Microchip Technology Inc.
DS11182C-page 3
85C72/82/92
TABLE 1-3:
AC CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Units
Remarks
Clock frequency
FCLK
100
kHz
Clock high time
THIGH
4000
ns
Clock low time
TLOW
4700
ns
SDA and SCL rise time
TR
1000
ns
SDA and SCL fall time
TF
300
ns
START condition hold time
THD:STA
4000
ns
After this period the first
clock pulse is generated
START condition setup time
TSU:STA
4700
ns
Only relevant for repeated
START condition
Data input hold time
THD:DAT
0—
ns
Data input setup time
TSU:DAT
250
ns
Data output delay time
TPD
300
3500
ns
Note 1
STOP condition setup time
TSU:STO
4700
ns
Bus free time
TBUF
4700
ns
Time the bus must be free
before a new transmission
can start
Input filter time constant
(SDA and SCL pins)
TI
100
ns
Program cycle time
TWC
—.4
.4N
1
N
ms
ms
Byte Mode
Page Mode, N = # of bytes
to be written
Note 1: As transmitter the device must provide this internal minimum delay time to bridge the undefined region (min-
imum 300 ns) of the falling edge of SCL to avoid unintended generation of START or STOP conditions.
FIGURE 1-2:
BUS TIMING DATA
SU:STA
t
HD:STA
t
F
t
LOW
t
HIGH
t
R
t
SU:STO
t
BUF
t
t
AA
t
SDA
OUT
SDA
IN
SCL
HD:DAT
t
SU:DAT
t
AA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com