Electronic Components Datasheet Search
  English  ▼

X  

1N5223B Datasheet(PDF) 5 Page - Continental Device India Limited

Part # 1N5223B
Description  SILICON PLANAR ZENER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

1N5223B Datasheet(HTML) 5 Page - Continental Device India Limited

  1N5223B Datasheet HTML 1Page - Continental Device India Limited 1N5223B Datasheet HTML 2Page - Continental Device India Limited 1N5223B Datasheet HTML 3Page - Continental Device India Limited 1N5223B Datasheet HTML 4Page - Continental Device India Limited 1N5223B Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Customer Notes
1N5223B to 1N5279B
2.7V to 180V
DO- 35
Glass Axial Package
1N5223B_5279B Rev_2 080605E
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Semiconductor Device(s) best
suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data
Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in
the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume
responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out
of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others.
These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products
(either as individual Semiconductor Devices or incorporated in their end products), in any life saving/support
appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from
such sale(s).
CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior
notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India.
Telephone + 91-11-2579 6150, 4141 1112 Fax + 91-11-2579 5290, 4141 1119
email@cdil.com
www.cdilsemi.com
Continental Device India Limited
Data Sheet
Page 5 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com