Electronic Components Datasheet Search
  English  ▼

X  

APJ10N65P Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # APJ10N65P
Description  650V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

APJ10N65P Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  APJ10N65P Datasheet HTML 1Page - A POWER MICROELECTRONICS APJ10N65P Datasheet HTML 2Page - A POWER MICROELECTRONICS APJ10N65P Datasheet HTML 3Page - A POWER MICROELECTRONICS APJ10N65P Datasheet HTML 4Page - A POWER MICROELECTRONICS APJ10N65P Datasheet HTML 5Page - A POWER MICROELECTRONICS APJ10N65P Datasheet HTML 6Page - A POWER MICROELECTRONICS APJ10N65P Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APJ10N65FITIP (AP65R950)
650V N-Channel Enhancement Mode MOSFET
APJ10N65F/P/T RVE1.0
永源微電子科技有限公司
Description
The APJ10N65F/T/P is CoolFET II MOSFET family
that is utilizing charge balance technology for extremely
low on-resistance and low gate charge performance.
APJ10N65F/P/T is suitable for applications which require
superior power density and outstanding efficiency
General Features
VDS = 650V (Type:730V) IDM =10A
RDS(ON) < 950mΩ @ VGS=10V (Type:890mΩ)
Application
Uninterruptible Power Supply(UPS)
Power Factor Correction (PFC)
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
APJ10N65F
TO-220F-3L
APJ10N65F XXX YYYY
1000
APJ10N65P
TO-220-3L
APJ10N65P XXX YYYY
1000
APJ10N65T
TO-263-3L
APJ10N65T XXX YYYY
800
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage (VGS = 0V)
650
V
ID
Continuous Drain Current
5.5
A
IDM
Pulsed Drain Current
(note1)
14
A
VGS
Gate-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy (note2)
125
mJ
PD
Power Dissipation (TC = 25ºC)
25.5
W
TJ, Tstg
Operating Junction and Storage Temperature Range
-55~+150
ºC
RthJC
Thermal Resistance, Junction-to-Case
4.9
ºC/W
RthJA
Thermal Resistance, Junction-to-Ambient
49
ºC/W


Similar Part No. - APJ10N65P

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
APJ10N65D-B APME-APJ10N65D-B Datasheet
916Kb / 7P
650V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - APJ10N65P

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP7N65 PANJIT-PJP7N65 Datasheet
204Kb / 5P
650V N-Channel Enhancement Mode MOSFET
PJP10N65 PANJIT-PJP10N65 Datasheet
244Kb / 6P
650V N-Channel Enhancement Mode MOSFET
PJP12N65 PANJIT-PJP12N65 Datasheet
232Kb / 6P
650V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY2N65D HY-HY2N65D Datasheet
155Kb / 4P
650V / 2A N-Channel Enhancement Mode MOSFET
HY2N65T HY-HY2N65T Datasheet
152Kb / 4P
650V / 2A N-Channel Enhancement Mode MOSFET
HY4N65D HY-HY4N65D Datasheet
155Kb / 4P
650V / 4A N-Channel Enhancement Mode MOSFET
HY8N65T HY-HY8N65T Datasheet
132Kb / 4P
650V / 8A N-Channel Enhancement Mode MOSFET
HY10N65T HY-HY10N65T Datasheet
135Kb / 4P
650V / 10A N-Channel Enhancement Mode MOSFET
HY12N65T HY-HY12N65T Datasheet
134Kb / 4P
650V/ 12A N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMFB10N65 LEIDITECH-LMFB10N65 Datasheet
5Mb / 5P
650V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com