Electronic Components Datasheet Search
  English  ▼

X  

APJ12N65P Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # APJ12N65P
Description  650V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

APJ12N65P Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  APJ12N65P Datasheet HTML 1Page - A POWER MICROELECTRONICS APJ12N65P Datasheet HTML 2Page - A POWER MICROELECTRONICS APJ12N65P Datasheet HTML 3Page - A POWER MICROELECTRONICS APJ12N65P Datasheet HTML 4Page - A POWER MICROELECTRONICS APJ12N65P Datasheet HTML 5Page - A POWER MICROELECTRONICS APJ12N65P Datasheet HTML 6Page - A POWER MICROELECTRONICS APJ12N65P Datasheet HTML 7Page - A POWER MICROELECTRONICS APJ12N65P Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
APJ12N65FIPIT (AP65R850)
650V N-Channel Enhancement Mode MOSFET
APJ12N65F/P/T REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
BVDSS
Drain to source breakdown voltage
VGS=0V, ID=250uA
650
740
--
V
IDSS
Drain to source leakage current
VDS=650V, VGS=0V
--
--
1
uA
IGSS
Gate to source leakage current, forward
VGS=30V, VDS=0V
--
--
100
nA
Gate to source leakage current, reverse
VGS=-30V, VDS=0V
--
--
-100
nA
VGS(TH)
Gate threshold voltage
VDS=VGS, ID=250uA
2.8
3.3
3.8
V
RDS(ON)
Drain to source on state resistance
VGS=10V, ID=2.5A
--
750
850
mΩ
Rg
Gate resistance
f=1 MHz, open drain
--
30
--
Ω
Ciss
Input capacitance
VGS=0V, VDS=50V, f=1MHz
--
339
--
pF
Coss
Output capacitance
--
25
--
Crss
Reverse transfer capacitance
--
1.36
--
td(on)
Turn on delay time
VDS=325V, ID=5A
,
RG=25Ω,VGS=10V
--
31
--
ns
tr
Rising time
--
15
--
td(off)
Turn off delay time
--
56.5
--
tf
Fall time
--
12.5
--
Qg
Total gate charge
VDS=325V, VGS=10V, ID=5A
--
8.1
--
nC
Qgs
Gate-source charge
--
1.8
--
Qgd
Gate-drain charge
--
3.2
--
IS
Continuous source current
Integral reverse p-n Junction
diode in the MOSFET
--
--
5
A
ISM
Pulsed source current
--
--
15
A
VSD
Diode forward voltage drop.
IS=5A, VGS=0V
--
0.88
1.3
V
Trr
Reverse recovery time
IS=5A, VGS=0V,
dIF/dt=100A/us
--
162
--
ns
Qrr
Reverse recovery charge
--
1093
--
nC
Irrm
Peak reverse recovery current
--
13.5
--
A
VSD
Gate Plateau Voltage
5.4
--
V
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The EAS data shows Max. rating . L=0.5mH, IAS =2.3A, VDD =50V, RG=25Ω
3、The test condition is Pulse Test: ISD ≤ ID, di/dt = 100A/us, VDD≤ BVDSS, Starting at TJ =25℃
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com