Electronic Components Datasheet Search
  English  ▼

X  

APJ12N70P Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # APJ12N70P
Description  700V N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

APJ12N70P Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  APJ12N70P Datasheet HTML 1Page - A POWER MICROELECTRONICS APJ12N70P Datasheet HTML 2Page - A POWER MICROELECTRONICS APJ12N70P Datasheet HTML 3Page - A POWER MICROELECTRONICS APJ12N70P Datasheet HTML 4Page - A POWER MICROELECTRONICS APJ12N70P Datasheet HTML 5Page - A POWER MICROELECTRONICS APJ12N70P Datasheet HTML 6Page - A POWER MICROELECTRONICS APJ12N70P Datasheet HTML 7Page - A POWER MICROELECTRONICS APJ12N70P Datasheet HTML 8Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
APJ12N70FIPIT (AP70R850)
700V N-Channel Enhancement Mode MOSFET
APJ12N70F/P/T REV1.0
永源微電子科技有限公司
Description
The APJ12N70F/P/T is CoolFET II MOSFET family
that is utilizing charge balance technology for extremely
low on-resistance and low gate charge performance.
APJ12N70F/P/T is suitable for applications which require
superior power density and outstanding efficiency
General Features
VDS = 700V (Type:730V) IDM =12A
RDS(ON) < 850mΩ @ VGS=10V (Type:750mΩ)
Application
Uninterruptible Power Supply(UPS)
Power Factor Correction (PFC)
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
APJ12N70F
TO-220F-3L
APJ12N70F XXX YYYY
1000
APJ12N70P
TO-220-3L
APJ12N70P XXX YYYY
1000
APJ12N70T
TO-263-3L
APJ12N70T XXX YYYY
800
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage (VGS = 0V)
700
V
ID
Continuous Drain Current
6.5
A
IDM
Pulsed Drain Current
(note1)
12
A
VGS
Gate-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy (note2)
125
mJ
PD
Power Dissipation (TC = 25ºC)
25.5
W
TJ, Tstg
Operating Junction and Storage Temperature Range
-55~+150
ºC
RthJC
Thermal Resistance, Junction-to-Case
4.9
ºC/W
RthJA
Thermal Resistance, Junction-to-Ambient
49
ºC/W


Similar Part No. - APJ12N70P

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
APJ12N65D APME-APJ12N65D Datasheet
1Mb / 8P
650V N-Channel Enhancement Mode MOSFET
APJ12N65F APME-APJ12N65F Datasheet
1Mb / 8P
650V N-Channel Enhancement Mode MOSFET
REV1.0
APJ12N65P APME-APJ12N65P Datasheet
1Mb / 8P
650V N-Channel Enhancement Mode MOSFET
REV1.0
APJ12N65T APME-APJ12N65T Datasheet
1Mb / 8P
650V N-Channel Enhancement Mode MOSFET
REV1.0
APJ12N80F APME-APJ12N80F Datasheet
1Mb / 7P
800V N-Channel Enhancement Mode MOSFET
More results

Similar Description - APJ12N70P

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJF2N70 PANJIT-PJF2N70 Datasheet
295Kb / 6P
700V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY2N70D HY-HY2N70D Datasheet
155Kb / 4P
700V / 2A N-Channel Enhancement Mode MOSFET
HY2N70T HY-HY2N70T Datasheet
152Kb / 4P
700V / 2A N-Channel Enhancement Mode MOSFET
HY8N70T HY-HY8N70T Datasheet
150Kb / 4P
700V / 8A N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMJ7N70SK3 DIODES-DMJ7N70SK3_15 Datasheet
288Kb / 6P
700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMJ7N70SK3 DIODES-DMJ7N70SK3_17 Datasheet
417Kb / 7P
700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMJ70H601SK3 DIODES-DMJ70H601SK3 Datasheet
339Kb / 7P
700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMJ70H600HCT DIODES-DMJ70H600HCT Datasheet
756Kb / 7P
700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 3 November 2022
DMJ70H600HCTI DIODES-DMJ70H600HCTI Datasheet
791Kb / 7P
700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 3 November 2022
DMJ70H600HK3 DIODES-DMJ70H600HK3 Datasheet
612Kb / 7P
700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 4 - 3 November 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com