Electronic Components Datasheet Search
  English  ▼

X  

APJ12N80F Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # APJ12N80F
Description  800V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

APJ12N80F Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  APJ12N80F Datasheet HTML 1Page - A POWER MICROELECTRONICS APJ12N80F Datasheet HTML 2Page - A POWER MICROELECTRONICS APJ12N80F Datasheet HTML 3Page - A POWER MICROELECTRONICS APJ12N80F Datasheet HTML 4Page - A POWER MICROELECTRONICS APJ12N80F Datasheet HTML 5Page - A POWER MICROELECTRONICS APJ12N80F Datasheet HTML 6Page - A POWER MICROELECTRONICS APJ12N80F Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
APJ12N80FIPIT(AP80R900)
800V N-Channel Enhancement Mode MOSFET
APJ12N80F/P/T RVE1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS=0V, ID=250μA
800
-
-
V
V(GS)th
Gate threshold voltage
VDS=VGS, ID=250μA
2.5
3.5
4.5
V
IDSS
Zero gate voltage drain current
VDS=800V, VGS=0V, Tj=25°C
-
-
1
μA
IDSS
Zero gate voltage drain current
VDS=800V, VGS=0V, Tj=150°C
10
μA
IGSS
Gate-source leakage current
VGS=±30V, VDS=0V
-
-
±100
nA
RDS(on)
Drain-source on-state resistance
VGS=10V, ID=2.5A, Tj=25°C
-
800
900
mΩ
RDS(on)
Drain-source on-state resistance
VGS=10V, ID=2.5A, Tj=150°C
2000
5000
mΩ
Ciss
Input capacitance
VGS=0V, VDS=50V, f=1MHz
-
541
-
pF
Coss
Output capacitance
-
31.6
-
pF
Crss
Reverse transfer capacitance
-
1.33
-
pF
td(on)
Turn-on delay time
VDD=400V, VGS=13V, ID=2.2A,
-
17.6
-
ns
tr
Rise time
-
22.4
-
ns
td(off)
Turn-off delay time
-
64.2
-
ns
tf
Fall time
-
28.2
-
ns
Qgs
Gate to source charge
VDD=400V, ID=4A, VGS=0 to
10V
-
2.7
-
nC
Qgd
Gate to drain charge
-
4.97
-
nC
Qg
Gate charge total
-
10.7
-
nC
Vplateau
Gate plateau voltage
-
5.42
-
V
VSD
Diode forward voltage
VGS=0V, IF=5A, Tf=25°C
-
0.86
-
V
trr
Reverse recovery time
VR=400V, IF=1.1A,
diF/dt=100A/μs
-
181
-
ns
Qrr
Reverse recovery charge
-
0.74
-
μC
Irrm
Peak reverse recovery current
-
8.68
-
A
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The EAS data shows Max. rating . L=0.5mH, IAS =5.0A, VDD =50V, RG=25Ω
3、The test condition is Pulse Test: ISD ≤ ID, di/dt = 100A/us, VDD≤ BVDSS, Starting at TJ =25℃
4、The power dissipation is limited by 150℃ junction temperature
5、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com