Electronic Components Datasheet Search
  English  ▼

X  

APJ12N80P Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # APJ12N80P
Description  800V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

APJ12N80P Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  APJ12N80P Datasheet HTML 1Page - A POWER MICROELECTRONICS APJ12N80P Datasheet HTML 2Page - A POWER MICROELECTRONICS APJ12N80P Datasheet HTML 3Page - A POWER MICROELECTRONICS APJ12N80P Datasheet HTML 4Page - A POWER MICROELECTRONICS APJ12N80P Datasheet HTML 5Page - A POWER MICROELECTRONICS APJ12N80P Datasheet HTML 6Page - A POWER MICROELECTRONICS APJ12N80P Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APJ12N80FIPIT(AP80R900)
800V N-Channel Enhancement Mode MOSFET
APJ12N80F/P/T RVE1.0
永源微電子科技有限公司
Description
The APJ12N80F/T/P is CoolFET II MOSFET family
that is utilizing charge balance technology for extremely
low on-resistance and low gate charge performance.
APJ12N80F/T/P is suitable for applications which require
superior power density and outstanding efficiency
General Features
VDS = 800V (Type:890V) IDM =12A
RDS(ON) <900mΩ @ VGS=10V (Type:800mΩ)
Application
Uninterruptible Power Supply(UPS)
Power Factor Correction (PFC)
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
APJ12N80F
TO-220F-3L
APJ12N80G XXX YYYY
1000
APJ12N80P
TO-220-3L
APJ12N80P XXX YYYY
1000
APJ12N80T
TO-263-3L
APJ12N80T XXX YYYY
800
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage (VGS = 0V)
650
V
ID
Continuous Drain Current
6
A
IDM
Pulsed Drain Current
(note1)
12
A
VGS
Gate-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy (note2)
225
mJ
PD
Power Dissipation (TC = 25ºC)
25.5
W
TJ, Tstg
Operating Junction and Storage Temperature Range
-55~+150
ºC
RthJC
Thermal Resistance, Junction-to-Case
2
ºC/W
RthJA
Thermal Resistance, Junction-to-Ambient
62.5
ºC/W


Similar Part No. - APJ12N80P

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
APJ12N65D APME-APJ12N65D Datasheet
1Mb / 8P
650V N-Channel Enhancement Mode MOSFET
APJ12N65F APME-APJ12N65F Datasheet
1Mb / 8P
650V N-Channel Enhancement Mode MOSFET
REV1.0
APJ12N65P APME-APJ12N65P Datasheet
1Mb / 8P
650V N-Channel Enhancement Mode MOSFET
REV1.0
APJ12N65T APME-APJ12N65T Datasheet
1Mb / 8P
650V N-Channel Enhancement Mode MOSFET
REV1.0
APJ12N70F APME-APJ12N70F Datasheet
1Mb / 8P
700V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - APJ12N80P

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP1N80 PANJIT-PJP1N80 Datasheet
227Kb / 6P
800V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY7N80T HY-HY7N80T Datasheet
232Kb / 4P
800V / 7A N-Channel Enhancement Mode MOSFET
logo
Jiangsu Donghai Semicon...
8N80 WXDH-8N80 Datasheet
780Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
E8N80 WXDH-E8N80 Datasheet
779Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
7N80 WXDH-7N80 Datasheet
901Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
E7N80 WXDH-E7N80 Datasheet
900Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
F7N80 WXDH-F7N80 Datasheet
900Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
F8N80 WXDH-F8N80 Datasheet
779Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
I7N80 WXDH-I7N80 Datasheet
899Kb / 11P
7A 800V N-channel Enhancement Mode Power MOSFET
I8N80 WXDH-I8N80 Datasheet
779Kb / 10P
8A 800V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com