Electronic Components Datasheet Search
  English  ▼

X  

HAFSLS0100CAAX3 Datasheet(PDF) 8 Page - Honeywell Solid State Electronics Center

Part # HAFSLS0100CAAX3
Description  Honeywell Zephyr™ Analog Airflow Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HAFSLS0100CAAX3 Datasheet(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button HAFSLS0100CAAX3 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 9Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 10Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 11Page - Honeywell Solid State Electronics Center HAFSLS0100CAAX3 Datasheet HTML 12Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
sensing.honeywell.com
Honeywell ZephyrTM Analog Airflow Sensors
HAF Series–High Accuracy
Figure 4. Nomenclature and Order guide
Figure 5. All Available Standard Configurations
LF: Long port, fastener mount
SF: Short port, fastener mount
SS: Short port, snap mount
HAF
Product Series
0200
Flow Range2
B
S
Bidirectional
forward flow
optimized
Bidirectional
symmetric
Flow
Direction
B
Honeywell ZephyrTM Analog Air ow Sensors, HAF Series-High Accuracy,
±50 SCCM to ±750 SCCM, Product Nomenclature
Notes:
1. The long port style with the snap mount housing style is not a valid configuration.
2. The 200 SCCM flow range is available in the long and short port styles.
3. Apart from the general configuration required, other customer-specific requirements are also possible.
Please contact Honeywell.
For example, a HAFBLF0200CAAX5 part number defines a Honeywell ZephyrTM Analog Airflow Sensor, bidirectional forward flow optimized, long port, fastener
mount, 200 SCCM, analog output, 10% to 90% transfer function, 5.0 Vdc supply voltage.
HAF
Series
High Accuracy
Airflow Sensor
S
F
F
Housing
Style
Fastener
mount
Snap
mount1
S
L
L
Port Style
Long port1
Short port
C
C
Unit
SCCM
X
X
Reserved for
Future Use
XXXXX
A
A
Transfer
Function
10% to 90% of Full
Scale Output (FSO)
5
3
5
Supply
Voltage
3.3 Vdc
5.0 Vdc
0050
0100
50 long port
style only
100 long port
style only
0200 200 long or
short port
0400 400 long port
style only
0750 750 long port
style only
A
Output
Format
A Analog
1
The Long Port Port Style with the Snap Mount Housing Style is not a valid configuration.
2
The 200 SCCM Flow Range is available in the Long and Short Port Styles.
Apart from the general configuration required, other customer-specific requirements are also possible. Please contact Honeywell.
Figure 3. Ideal Transfer Function
V= V0.5 +0.4 F
F
os
A
FS
Where:
V
O= output voltage of the device
V
S= supply voltage measured at the device
F
A = flow applied across the device
F
FS = full scale flow specified for the device
F=
FV /V -0.5
0.4
A
FS
os
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com