Electronic Components Datasheet Search
  English  ▼

X  

IPC0001 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # IPC0001
Description  QFN-8 to DIP-8 SMT Adapter (0.4 mm pitch, 1.4 x 1.2 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0001 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0001 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0001 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.1
www.Proto-Advantage.com
QFN-8 to DIP-8 SMT Adapter (0.4 mm pitch, 1.4 x 1.2 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
0.60
A2
0.80
B
0.50
C
0.20
D
0.20
E
0.40
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2015 Proto Advantage
B
C
D
E
A
A2
IIIP
P
PC
C
C0
0
00
0
00
0
01
1
1


Similar Part No. - IPC0001

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0002 PROTOADVANTAGE-IPC0002 Datasheet
45Kb / 2P
QFN-8 to DIP-12 SMT Adapter (0.65 mm pitch, 3 x 3 mm body)
revision 1.0
IPC0003 PROTOADVANTAGE-IPC0003 Datasheet
46Kb / 2P
QFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 4 x 4 mm body)
revision 1.0
IPC0004 PROTOADVANTAGE-IPC0004 Datasheet
45Kb / 2P
QFN-12 to DIP-16 SMT Adapter (0.5 mm pitch, 4 x 4 mm body)
revision 1.0
IPC0005 PROTOADVANTAGE-IPC0005 Datasheet
46Kb / 2P
QFN-14 to DIP-18 SMT Adapter (0.5 mm pitch, 3.5 x 3.5 mm body)
revision 1.0
IPC0006 PROTOADVANTAGE-IPC0006 Datasheet
46Kb / 2P
QFN-16 to DIP-20 SMT Adapter (0.5 mm pitch, 3 x 3 mm body)
revision 1.0
More results

Similar Description - IPC0001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Hirose Electric
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
logo
Kingbright Corporation
TBA18-81 KINGBRIGHT-TBA18-81 Datasheet
457Kb / 3P
47.8 MM (1.8 INCH) 8 X 8 MULTICOLOR DOT
logo
MTRONPTI
PMX MTRONPTI-PMX Datasheet
209Kb / 1P
5.0 x 7.0 x 1.2 mm
logo
OPTEK Technologies
OVSTRGBFC6 OPTEK-OVSTRGBFC6 Datasheet
1Mb / 9P
Full Color SMT Chip LED (3.5 x 3.0 x 1.4 mm)
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
IL3R ILSI-IL3R Datasheet
46Kb / 2P
4 Pad Plastic Package, 1.4 mm x 7 mm
logo
TT Electronics.
OVSTRGBFC6 TTELEC-OVSTRGBFC6 Datasheet
1Mb / 9P
Full Color SMT Chip LED (3.5 x 3.0 x 1.4 mm)
logo
Transko Electronics, In...
T4FC2012F TRANSKO-T4FC2012F Datasheet
1Mb / 5P
Common Mode Choke SMD (2.0 X 1.2 X 1.2 mm)
Rev 1: 05-09-2018
TCFL0603CF TRANSKO-TCFL0603CF Datasheet
459Kb / 3P
Ceramic Chip Inductor (1.8 x 1.2 x 1.2 mm)
Rev 1: 06-05-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com