Electronic Components Datasheet Search
  English  ▼

X  

HAFSLS0200CAAX3 Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # HAFSLS0200CAAX3
Description  Honeywell Zephyr™ Analog Airflow Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HAFSLS0200CAAX3 Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button HAFSLS0200CAAX3 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HAFSLS0200CAAX3 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HAFSLS0200CAAX3 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HAFSLS0200CAAX3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HAFSLS0200CAAX3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HAFSLS0200CAAX3 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HAFSLS0200CAAX3 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HAFSLS0200CAAX3 Datasheet HTML 9Page - Honeywell Solid State Electronics Center HAFSLS0200CAAX3 Datasheet HTML 10Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
sensing.honeywell.com
Honeywell ZephyrTM Analog Airflow Sensors
HAF Series–High Accuracy
Table 3. bidirectional Forward Flow Optimization
Sensor
Range
(SCCM)
Accuracy Error band
Total Error band
Applied Flow
(SCCM)
Error
(%FSS)
Applied Flow
(SCCM)
Error
(%FSS)
±50
-50 to -14.3
±7% reading
-50 to -11.3
±9% reading
-14.3 to 0
±1
-11.1 to 0
±1
00
±0.32
00
±0.32
0 to 20
±1
0 to 11.1
±1
20 to 50
±5% reading
11.1 to 50
±9% reading
±100
-100 to -11.1
±9% reading
-100 to -8.3
±12% reading
-11.1 to 0
±0.5
-8.3 to 0
±0.5
00
±0.16
00
±0.16
0 to 16.7
±0.5
0 to 16.7
±0.5
16.7 to 100
±6% reading
16.7 to 100
±6% reading
±2001
-200 to -6.7
±15% reading
-200 to -6.7
±15% reading
-6.7 to -0
±0.25
-6.7 to -0
±0.25
00
±0.1
00
±0.1
0 to 40
±0.25
0 to 22.2
±0.25
40 to 200
±2.5% reading
22.2 to 200
±4.5% reading
±400
-400 to -32
±10% reading
-400 to -32
±12% reading
-32 to -0
±0.4
-32 to -0
±0.45
00
±0.1
00
±0.1
0 to 80
±0.4
0 to 60
±0.45
80 to 400
±4.0% reading
60 to 400
±6% reading
±750
-750 to -25
±15% reading
-750 to -25
±15% reading
-25 to -0
±0.25
-25 to -0
±0.25
00
±0.1
00
±0.1
0 to 37.5
±0.25
0 to 37.5
±0.25
37.5 to 750
±10% reading
37.5 to 750
±10% reading
1
The short port sensors are only specified down to -100 SCCM.
Error (%FSS)
Airflow (SCCM)
See table below for null accuracy.
Error (%FSS)
Airflow (SCCM)
See table below for null accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com