Electronic Components Datasheet Search
  English  ▼

X  

M36DR232A Datasheet(PDF) 6 Page - STMicroelectronics

Part # M36DR232A
Description  32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36DR232A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M36DR232A Datasheet HTML 2Page - STMicroelectronics M36DR232A Datasheet HTML 3Page - STMicroelectronics M36DR232A Datasheet HTML 4Page - STMicroelectronics M36DR232A Datasheet HTML 5Page - STMicroelectronics M36DR232A Datasheet HTML 6Page - STMicroelectronics M36DR232A Datasheet HTML 7Page - STMicroelectronics M36DR232A Datasheet HTML 8Page - STMicroelectronics M36DR232A Datasheet HTML 9Page - STMicroelectronics M36DR232A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
M36D232A, M36DR232B
6/46
Table 3. Main Operation Modes
Note: X = VIL or VIH,VPPFH =12V ± 5%.
1. If UBS and LBS are tied together the bus is at 16 bit. For an 8 bit bus configuration use UBS and LBS separately.
Operation
Mode
EF
GF
WF
RPF
WPF
VPPF
E1S
E2S
GS
WS
UBS,LBS (1)
DQ15-DQ0
Read
VIL
VIL
VIH
VIH
X
Don't care
SRAM must be disabled
Data
Output
Write
VIL
VIH
VIL
VIH
VIH
VCCF or
VPPFH
SRAM must be disabled
Data Input
Block
Locking
VIL
XX
VIH
VIL
Don't care
SRAM must be disabled
X
Standby
VIH
XX
VIH
X
Don't care
Any SRAM mode is allowable
Hi-Z
Reset
X
X
X
VIL
X
Don't care
Any SRAM mode is allowable
Hi-Z
Output
Disable
VIL
VIH
VIH
VIH
X
Don't care
Any SRAM mode is allowable
Hi-Z
Read
Flash must be disabled
VIL
VIH
VIL
VIH
VIL
Data out
Word Read
Write
Flash must be disabled
VIL
VIH
VIH
VIL
VIL
Data in
Word Write
Standby/
Power
Down
Any Flash mode is allowable
VIH
XXX
X
Hi-Z
X
VIL
X
X
X
Hi-Z
XXXX
VIH
Hi-Z
Data
Retention
Any Flash mode is allowable
VIH
XXX
X
Hi-Z
X
VIL
X
X
X
Hi-Z
XXXX
VIH
Hi-Z
Output
Disable
Any Flash mode is allowable
VIL
VIH
VIH
VIH
X
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com