Electronic Components Datasheet Search
  English  ▼

X  

MB12-P Datasheet(PDF) 2 Page - IMO Precision Controls Ltd.

Part # MB12-P
Description  Mini Contactor MB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMO [IMO Precision Controls Ltd.]
Direct Link  https://imopc.com/
Logo IMO - IMO Precision Controls Ltd.

MB12-P Datasheet(HTML) 2 Page - IMO Precision Controls Ltd.

  MB12-P Datasheet HTML 1Page - IMO Precision Controls Ltd. MB12-P Datasheet HTML 2Page - IMO Precision Controls Ltd. MB12-P Datasheet HTML 3Page - IMO Precision Controls Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.imopc.com
Mini Contactor MB continued
MB/03/03
Type
MR07-S
MR07-P
MB09-S
MB09-P
MB12-S
MB12-P
Mounting
DIN
Printed Circuit
DIN
Printed Circuit
DIN
Printed Circuit
Main Contacts
Rated Insulation Volts
690
690
690
690
690
690
AC15 OPS/HR
3000
–
–
AC3 OPS/HR
–
600
700
Mechanical Life OPS
5 million
5 million
5 million
Max. Frequency of
AC1 Amps
16
20
16
20
16
Operation
AC3 Amps 230V
–
11.5
14.5
380-400V
–
9
12
KW 230V
–
3
4
380-400V
–
4
5.5
Short Circuit Protection
Class gl. Highest Fuse Amps
10
20
16
20
Highest Fuse Amps (without welding)
10
10
10
10
AC15 Amps 230V
3
3
3
Auxiliary Contacts
Amps 380-415V
2
2
2
Short Circuit Protection
Class gl. Highest Fuse Amps
20
20
20
AC and DC Range
0.85 - 1.1
0.85 - 1.1
0.85 - 1.1
AC Inrush VA
25
25
25
Coil Operation
AC Sealed VA
5
5
5
AC Sealed W
1.2
1.2
1.2
DC Inrush and Sealed W
2.5
2.5
2.5
Solid mm2
0.75 - 2.5
0.75 - 2.5
0.75 - 2.5
Cable Cross Section
Flexible mm2
0.75 - 2.5
0.75 - 2.5
0.75 - 2.5
Contacts and Coil
Flexible with Cable End mm2
0.5 - 2.5
0.5 - 2.5
0.5 - 2.5
No. of Conductors
2
2
2
Normal use °C
-40 to +60
-40 to +60
-40 to +60
Maximum Temperature
Storage °C
-50 to +90
-50 to +90
-50 to +90
Refer to IMO for UL and CSA ratings
A Breaking current
Millions of operations
MB12
MB09
1000
800
600
400
200
100
80
60
40
20
10
8
6
4
2
1
0.01
0.02
0.04
0.06 0.08 0.1
0.2
0.4
0.6 0.8 1
2
4
6
8 10
Technical data according to IEC, VDE and BS
Contact life
MB09/12



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com