Electronic Components Datasheet Search
  English  ▼

X  

PF86 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PF86
Description  PENTODE FOR USE IN TRANSITRON CIRCUITS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PF86 Datasheet(HTML) 1 Page - NXP Semiconductors

  PF86 Datasheet HTML 1Page - NXP Semiconductors PF86 Datasheet HTML 2Page - NXP Semiconductors PF86 Datasheet HTML 3Page - NXP Semiconductors PF86 Datasheet HTML 4Page - NXP Semiconductors PF86 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image


Similar Part No. - PF86

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
PF8 SEMTECH-PF8 Datasheet
93Kb / 3P
Axial Leaded Hermetically Sealed Fast Rectifier Diode
PF8/PF0 SEMTECH-PF8/PF0 Datasheet
93Kb / 3P
Axial Leaded Hermetically Sealed Fast Rectifier Diode
logo
Electronic devices inc.
PF80 EDI-PF80 Datasheet
69Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
logo
Cornell Dubilier Electr...
PF801V500AD2B CDE-PF801V500AD2B Datasheet
234Kb / 2P
55 ?C Photoflash, High-Energy, Long Life, 500 V, Aluminum
PF801V500AD2B CDE-PF801V500AD2B Datasheet
232Kb / 3P
High-Energy, Long Life, 500 V, Aluminum
More results

Similar Description - PF86

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
6DQ6B GEC-6DQ6B Datasheet
306Kb / 4P
BEAM-POWER PENTODE PRIMARILY DESIGNED FOR USE AS THE HORIZONTAL-DEFLECTION AMPLIFIER IN TELEVISION RECEIVERS.
logo
NXP Semiconductors
UF42 PHILIPS-UF42 Datasheet
148Kb / 5P
R.F. PENTODE FOR USE AS WIDE-BAND AMPLIFIER
12.12.1950
5672 PHILIPS-5672 Datasheet
64Kb / 3P
SUBMINIATURE PENTODE FOR USE AS A.F. POWER AMPLIFIER IN PORTABLE EQUIMENT
3.3.1957
logo
General Electric Compan...
12BL6 GEC-12BL6 Datasheet
234Kb / 3P
PENTODE FOR RF AND AMPLIFIER APPLICATIONS IN AUTOMOBILE RECEIVERS
logo
NXP Semiconductors
PL81 PHILIPS-PL81 Datasheet
1Mb / 29P
PENTODE FOR USE AS LINE TIME BASE OUTPUT TUBE
2.2.1959
95108 PHILIPS-95108 Datasheet
327Kb / 10P
SUBMINIATURE TRANSMITTING PENTODE FOR USE IN RADIO SONDES
8.8.1959
EF50 PHILIPS-EF50 Datasheet
41Kb / 3P
PENTODE FOR USE AS WIDE BAND AND MEASURING AMPLIFIER
4.4.1953
PCL85 NXP-PCL85_1 Datasheet
1Mb / 28P
TRIODE-PENTODE FOR USE AS FRAME OUTPUT TUBE AND FRAME OSCILLATOR
3.3.1961
PL36 NXP-PL36 Datasheet
1Mb / 34P
OUTPUT PENTODE FOR USE AS LINE OUTPUT TUBE
3.3.1958
logo
New Jersey Semi-Conduct...
2N541 NJSEMI-2N541 Datasheet
104Kb / 1P
TRANSITRON
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com