Electronic Components Datasheet Search
  English  ▼

X  

GS71108ATP Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GS71108ATP
Description  128K x 8 1Mb Asynchronous SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GS71108ATP Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GS71108ATP Datasheet HTML 3Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 4Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 5Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 6Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 7Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 8Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 9Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 10Page - List of Unclassifed Manufacturers GS71108ATP Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Write Cycle
Parameter
Symbol
-7
-8
-10
-12
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Write cycle time
tWC
7
—
8
—
10
—
12
—
ns
Address valid to end of write
tAW
5
—
5.5
—
7
—
8
—
ns
Chip enable to end of write
tCW
5
—
5.5
—
7
—
8
—
ns
Data set up time
tDW
3
—
4
—
5
—
6
—
ns
Data hold time
tDH
0
—
0
—
0
—
0
—
ns
Write pulse width
tWP
5
—
5.5
—
7
—
8
—
ns
Address set up time
tAS
0
—
0
—
0
—
0
—
ns
Write recovery time (WE)
tWR
0
—
0
—
0
—
0
—
ns
Write recovery time (CE)
tWR1
0
—
0
—
0
—
0
—
ns
Output Low Z from end of write
tWLZ*
3
—
3
—
3
—
3
—
ns
Write to output in High Z
tWHZ*
—
3
—
3.5
—
4
—
5
ns
GS71108ATP/J/SJ/U
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.08 6/2006
7/16
© 2001, GSI Technology
* These parameters are sampled and are not 100% tested
tWC
Address
CE
WE
Data In
OE
Data Out
tAW
tCW
tAS
tWP
tWR
tDW
tDH
tWLZ
tWHZ
DATA VALID
HIGH IMPEDANCE
Write Cycle 1: WE control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com