Electronic Components Datasheet Search
  English  ▼

X  

0402CS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 0402CS
Description  Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0402CS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  0402CS Datasheet HTML 1Page - List of Unclassifed Manufacturers 0402CS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0402CS Series (1005)
Specifications subject to change without notice.
Document 198-2
Revised 7/10/02
Document 198-2
1. When ordering, please specify tolerance and packaging codes:
Inductance tolerance code:
Table above shows stock tolerances in bold.
G= ±2%, J= ±5%, K= ±10%
0402CS-68NX_B_
Packaging code:
W= 7 machine-ready reel
EIA RS-481 punched
paper tape. 2000 per full reel.
U= Less than full reel
Not machine ready. May be
on multiple reels. To have a leader and a trailer
added ($25 charge), use code letter W instead.
2. Inductance measured at 250 MHz using Agilent/HP16193 test fixture in
Agilent/HP4286 impedance analyzer with Coilcraft-provided correlation
pieces. For recommended test procedures, contact Coilcraft.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured using Agilent/HP4291A with Agilent/HP16193 test fixture.
5. SRF measured using Agilent/HP8753D network analyzer and Coilcraft
SMD-D test fixture.
6. DCR measured on micro-ohmmeter.
7. For 15°C rise.
8. Operating temperature range
−40°C to +125°C.
9. Electrical specifications at 25°C.
10. For environmental data see Product Specifications section.
11. For part marking data see Color Coding section.
SRF
DCR
IDC
Inductance2
Percent
Q
min5
max6
max7
900 MHz
1.7 GHz
Part number1
(nH)
tolerance3
min4
(MHz)
(Ohms)
(mA)
L typ
Q typ
L typ
Q typ
0402CS-1N0X_B_
1.0
10,5
16
>6000
0.045
1360
1.02
77
1.02
69
0402CS-1N9X_B_
1.9
10,5
16
>6000
0.070
1040
1.72
68
1.74
82
0402CS-2N0X_B_
2.0
10,5
16
>6000
0.070
1040
1.93
54
1.93
75
0402CS-2N2X_B_
2.2
10,5
19
>6000
0.070
960
2.19
59
2.23
100
0402CS-2N4X_B_
2.4
10,5
15
>6000
0.068
790
2.24
51
2.27
68
0402CS-2N7X_B_
2.7
10,5
16
>6000
0.120
640
2.23
42
2.25
61
0402CS-3N3X_B_
3.3
10,5,2
19
>6000
0.066
840
3.10
65
3.12
87
0402CS-3N6X_B_
3.6
10,5,2
19
>6000
0.066
840
3.56
45
3.62
71
0402CS-3N9X_B_
3.9
10,5,2
19
5800
0.066
840
3.89
50
4.00
75
0402CS-4N3X_B_
4.3
10,5,2
18
>6000
0.091
700
4.19
47
4.30
71
0402CS-4N7X_B_
4.7
10,5,2
15
4775
0.130
640
4.55
48
4.68
68
0402CS-5N1X_B_
5.1
10,5,2
20
4800
0.083
800
5.15
56
5.25
82
0402CS-5N6X_B_
5.6
10,5,2
20
4800
0.083
760
5.16
54
5.28
81
0402CS-6N2X_B_
6.2
10,5,2
20
4800
0.083
760
6.16
52
6.37
76
0402CS-6N8X_B_
6.8
10,5,2
20
4800
0.083
680
6.56
63
6.93
78
0402CS-7N5X_B_
7.5
10,5,2
22
4800
0.10
680
7.91
60
8.22
88
0402CS-8N2X_B_
8.2
10,5,2
22
4400
0.10
680
8.50
57
8.85
84
0402CS-8N7X_B_
8.7
10,5,2
18
4100
0.20
480
8.78
54
9.21
73
0402CS-9N0X_B_
9.0
10,5,2
22
4160
0.10
680
9.07
62
9.53
78
0402CS-9N5X_B_
9.5
10,5,2
18
4000
0.20
480
9.42
54
9.98
69
0402CS-10NX_B_
10.0
10,5,2
21
3900
0.20
480
9.8
50
10.10
67
0402CS-11NX_B_
11.0
10,5,2
24
3680
0.12
640
10.7
52
11.20
78
0402CS-12NX_B_
12.0
10,5,2
24
3600
0.12
640
11.9
53
12.70
71
0402CS-13NX_B_
13.0
10,5,2
24
3450
0.21
440
13.4
51
14.63
57
0402CS-15NX_B_
15.0
10,5,2
24
3280
0.17
560
14.6
55
15.50
77
0402CS-16NX_B_
16.0
10,5,2
24
3100
0.22
560
16.6
46
18.86
47
0402CS-18NX_B_
18.0
10,5,2
25
3100
0.23
420
18.3
57
20.28
62
0402CS-19NX_B_
19.0
10,5,2
24
3040
0.20
480
19.1
50
21.10
67
0402CS-20NX_B_
20.0
10,5,2
25
3000
0.25
420
20.7
52
23.66
53
0402CS-22NX_B_
22.0
10,5,2
25
2800
0.30
400
23.2
53
26.75
53
0402CS-23NX_B_
23.0
10,5,2
22
2720
0.30
400
23.8
49
26.90
64
0402CS-24NX_B_
24.0
10,5,2
25
2700
0.30
400
25.1
51
29.50
50
0402CS-27NX_B_
27.0
10,5,2
24
2480
0.30
400
28.7
49
33.50
63
0402CS-30NX_B_
30.0
10,5,2
25
2350
0.30
400
31.1
46
38.50
39
0402CS-33NX_B_
33.0
10,5,2
24
2350
0.30
400
34.9
31
41.74
32
0402CS-36NX_B_
36.0
10,5,2
24
2320
0.44
320
39.5
44
48.40
53
0402CS-39NX_B_
39.0
10,5,2
25
2100
0.55
200
41.7
47
50.23
45
0402CS-40NX_B_
40.0
10,5,2
24
2240
0.44
320
39.0
44
47.40
33
0402CS-43NX_B_
43.0
10,5,2
25
2030
0.81
100
45.8
46
61.55
34
0402CS-47NX_B_
47.0
10,5,2
20
2100
0.83
150
50.0
38
–
–
0402CS-51NX_B_
51.0
10,5,2
25
1750
0.82
100
56.6
40
–
–
0402CS-56NX_B_
56.0
10,5,2
22
1760
0.97
100
62.8
42
–
–
0402CS-68NX_B_
68.0
10,5,2
22
1620
1.12
100
78.19
36
–
–



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com