Electronic Components Datasheet Search
  English  ▼

X  

28294 Datasheet(PDF) 1 Page - PROXXON. All rights reserved.

Part # 28294
Description  life expectancy !
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROXXON [PROXXON. All rights reserved.]
Direct Link  https://www.proxxon.com/
Logo PROXXON - PROXXON. All rights reserved.

28294 Datasheet(HTML) 1 Page - PROXXON. All rights reserved.

  28294 Datasheet HTML 1Page - PROXXON. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
21
life expectancy !
NO 28 815
Spare arbors
Shaft 2.35 x 44mm.
NO 28 282
Nylon fleece brushes
used for cleaning, frosting
and sanding steel, precious
metal, non-ferrous metals.
Shaft 2.35mm.
grit 120
grit 120
20
10
30
10
20
20
22
3
22
3
44
10 x
10 x
5 x
NO 28 984
NO 28 985
Flap wheels
These flap wheels are elastic and take on the
shape of the workpiece. Ideal for sanding in
inaccessible spots. Shaft 3.0mm.
NO 28 302
NO 28 304
Carborundum
Silicon carbide
Wheels for free-hand and stationary grinding of
various metals and materials.
Fine polishing
Nine piece set consisting of:
1 micro drill each 0.5 – 0.8 – 1.0mm, milling bits ball shape ø
0.5 and 2.3mm, 3 cutting discs ø 22mm with arbor.
For drilling, milling and cutting of PC cards. All shafts 2.35mm.
NO 28 930
Seven piece set for jewellers and goldsmiths.
Contents: 3 ball milling bits with hole (for milling fittings for
pearls etc.) in sizes 3 – 4 and 5mm. 1 double cone miller for
milling bases for stones with 1.4mm diameter. 1.0 and 1.4mm
millers with concave heads (for rounding off wires etc.).
1.0mm hardened spear drill for pearls and stones included. All
shafts 2.35mm.
NO 28 911
13 piece set consisting of:
1 fine milling bit each ball shape and cylinder 2.3mm, 1 car-
borundum grinding bit each ball and cone shape 5.0mm. 1
micro drill each 1.0 and 2.3mm. 5 cutting discs ø 22mm, 1
saw blade ø 22mm and arbor ø 2.35mm. For cutting, milling,
polishing and drilling. All shafts 2.35mm.
NO 28 910
10 piece set consisting of:
For polishing metal, glass, precious metal, porcelain and pla-
stic. Consists of 3 felt polishing bits (cylinder, cone, wheel).3
silicon polishing bits (bullet, cylinder and wheel). Cotton wool
polishing wheel; chamois buffing wheel and polishing paste
(incl. 2.35mm arbor).
NO 28 285
22
22
22
22
Four piece set consisting of:
2 diamond grinding bits and 2 silicon carbide grinding bits. For
engraving, grinding and frosting glass. Diamond bit 1: ball ø
1.0mm, diamond bit 2: ball ø 1.8mm. Silicon carbide bit cone
3/2 x 5mm and cylinder 2/2.5 x 7mm. All shafts 2.35mm.
NO 28 920
Selected sets for many applications!
2 x
2 x
10 x
5 x
4 x
14
12
3
3
6
5
15
5
15
Glass working
Electronic technician set
Jewellery set
Modeller’s set
Polishing set
NO 28 290
NO 28 294
NO 28 288
Flexible polisher. Plastic compound, used for surface smoothing and polishing of precious metals, non-ferrous
metals, hardened metals as well as glass, porcelain, wood, rubber, plastic. Shaft 2.35mm.
NO 28 295
NO 28 296
Flexible polishing pad set of 2. Silicon carbide in a resilient, fle-
xible compound (no rubber). Especially suitable for working pre-
cious metals (gold, platinum, silver) as well as for tool making
and castings, and for precision engineering. Shaft 2.35mm.


Similar Part No. - 28294

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2829470 PHOENIX-2829470 Datasheet
81Kb / 4P
Relay connectors - ST-REL4-KG120/ 1- 1/AU
More results

Similar Description - 28294

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV6 E-SWITCH-PV6 Datasheet
111Kb / 1P
Vandal and Water Resistant, Long Life Expectancy CONTACT RESISTANCE: 50mOHM Max.
logo
PARA LIGHT ELECTRONICS ...
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
Long operating life.
logo
List of Unclassifed Man...
BCM-1-306-150-00-03K ETC2-BCM-1-306-150-00-03K Datasheet
101Kb / 2P
Optimizes Battery Life
logo
Illinois Capacitor, Inc...
105SVH050MCR ILLINOISCAPACITOR-105SVH050MCR_16 Datasheet
227Kb / 4P
Long Life, 2000hours
logo
TT Electronics.
P232 TTELEC-P232 Datasheet
607Kb / 3P
Long life element
logo
TE Connectivity Ltd
FS20 TEC-FS20 Datasheet
165Kb / 4P
Essentially Unlimited Cycle Life Expectancy
logo
Everlight Electronics C...
EALP03RDCGA7 EVERLIGHT-EALP03RDCGA7 Datasheet
247Kb / 9P
Long life feature.
EALP03CLAGA0 EVERLIGHT-EALP03CLAGA0 Datasheet
289Kb / 8P
Long life feature.
EALP05RDHRA4 EVERLIGHT-EALP05RDHRA4 Datasheet
351Kb / 9P
Long life feature.
EALP05SQAGA1 EVERLIGHT-EALP05SQAGA1 Datasheet
198Kb / 8P
Long life feature.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com