Electronic Components Datasheet Search
  English  ▼

X  

TA281 Datasheet(PDF) 30 Page - Pico Technology Ltd.

Part # TA281
Description  PicoScope® 6000E Series Smarter scopes for faster debug
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA281 Datasheet(HTML) 30 Page - Pico Technology Ltd.

Back Button TA281 Datasheet HTML 26Page - Pico Technology Ltd. TA281 Datasheet HTML 27Page - Pico Technology Ltd. TA281 Datasheet HTML 28Page - Pico Technology Ltd. TA281 Datasheet HTML 29Page - Pico Technology Ltd. TA281 Datasheet HTML 30Page - Pico Technology Ltd. TA281 Datasheet HTML 31Page - Pico Technology Ltd. TA281 Datasheet HTML 32Page - Pico Technology Ltd. TA281 Datasheet HTML 33Page - Pico Technology Ltd. TA281 Datasheet HTML 34Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
PicoScope® 6000E Series
Probe positioning system
The Pico oscilloscope probe positioning system holds your circuit board firmly and keeps multiple probes positioned, hands-free, during
inspection and test.
The kits include flexible probe holders with magnetic bases which secure to the steel base plate. When the probes are installed in the holders
they can be positioned to make contact with test points on the circuit board and will remain situated while you take measurements in the
PicoScope software.
The steel base plate is mirror-finished, reflecting any items such as status LEDs on the underside of the PCB, for easy visibility.
Probe positioning system kit contents
Item
PQ215 kit
PQ219 kit
PQ218 kit
PCB holder
4
4
-
Base plate, 210 x 297 mm
1
1
-
Set of insulation washers for PCB holders
1
1
-
Pico probe holder, 2.5 mm
4
8
4
Set of cable holders channels A-D
1
1
1
Set of cable holders channels E-H
1
1
1
P2056 500 MHz 10:1 passive BNC probe
4
If you own a 4- or
8-channel scope with
four probes, this kit is
the ideal add-on.
Upgrade your 8-channel
scope from four to
eight probes, and add
eight probe holders.
Four extra probe
holders.
Passive analog high- and low-impedance probes
P2056 500 MHz and P2036 300 MHz high-impedance passive probes are supplied with your scope and are also
available separately. The PicoScope 6428E-D is not supplied with probes.
Supplied in single or dual packs, these probes feature a probe-detect readout BNC connector allowing automatic
recognition as a 10:1 attenuator by the oscilloscope. They are high frequency response trimmed to match the
oscilloscope and supplied in single or dual packs.
A TA062 1.5 GHz low-impedance 10:1 passive oscilloscope probe with BNC is available separately in a single pack.
A comprehensive selection of accessories is supplied in the single probe packs and a basic selection in the dual
packs. Further accessories are available as listed in the P2056 and P2036 User’s Guide.
Optional accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com