Electronic Components Datasheet Search
  English  ▼

X  

APM001A Datasheet(PDF) 2 Page - A POWER MICROELECTRONICS

Part # APM001A
Description  40V N-Channel Enhancement Mode BJT MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

APM001A Datasheet(HTML) 2 Page - A POWER MICROELECTRONICS

  APM001A Datasheet HTML 1Page - A POWER MICROELECTRONICS APM001A Datasheet HTML 2Page - A POWER MICROELECTRONICS APM001A Datasheet HTML 3Page - A POWER MICROELECTRONICS APM001A Datasheet HTML 4Page - A POWER MICROELECTRONICS APM001A Datasheet HTML 5Page - A POWER MICROELECTRONICS APM001A Datasheet HTML 6Page - A POWER MICROELECTRONICS APM001A Datasheet HTML 7Page - A POWER MICROELECTRONICS APM001A Datasheet HTML 8Page - A POWER MICROELECTRONICS APM001A Datasheet HTML 9Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
APM001A
40V N-Channel Enhancement Mode BJT MOSFET
APM001A REV1.0
永源微電子科技有限公司
Electrical Characteristics (TJ=25℃, unless otherwise noted)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250μA
40
-
-
V
V(BR)CBO
Collector-base breakdown voltage
IC=-10µA, IE=0
-40
V
V(BR)CEO
Collector-emitter breakdown voltage
IC=-1mA, IB=0
-40
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-10µA, IC=0
-5
V
IDSS
Zero Gate Voltage Drain Current
VDS=60V, VGS = 0V,
-
-
1
μA
ICEX
Collector cut-off current
VCE=-30V, VEB(off)=-3V
-50
nA
ICBO
Collector cut-off current
VCB=-40V, IE=0
-100
nA
IEBO
Emitter cut-off current
VEB=-5V, IC=0
-100
nA
IGSS
Gate to Body Leakage Current
VDS=0V, VGS=±20V
-
-
±10
uA
VCE(sat)
Collector-emitter saturation voltage
IC=-50mA, IB=-5mA
-0.3
V
VBE(sat)
Base-emitter saturation voltage
-0.95
V
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250μA
1.0
1.5
2.5
V
RDS(on)
Static Drain-Source on-Resistance
VGS=10V, ID=0.3A
-
1800
2800
mΩ
VGS =4.5V, ID =0.2A
-
2200
3000
Ciss
Input Capacitance
VDS=25V, VGS=0V,
f=1.0MHz
-
28
-
pF
Coss
Output Capacitance
-
11
-
pF
Crss
Reverse Transfer Capacitance
-
4
-
pF
Qg
Total Gate Charge
VDS=10V, ID=0.3A,
VGS=4.5V
-
1.7
-
nC
Qgs
Gate-Source Charge
-
0.3
-
nC
Qgd
Gate-Drain(“Miller”) Charge
-
0.6
-
nC
td(on)
Turn-on Delay Time
VDD=10V, ID=0.2A,
RGEN=10Ω,VGS=10V,
-
2
-
ns
tr
Turn-on Rise Time
-
15
-
ns
td(off)
Turn-off Delay Time
-
7
-
ns
tf
Turn-off Fall Time
-
20
-
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
0.3
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
1.2
A
VSD
Drain to Source Diode Forward
Voltage
VGS = 0V, IS =0.3A
-
-
1.2
V
hFE(1)
DC current gain(1)
VCE=-1V, IC=-10mA
100
300
hFE(2)
DC current gain(2)
VCE=-1V, IC=-50mA
60
hFE(3)
DC current gain(3)
VCE=-1V, IC=-100mA
30
fT
Transition frequency
VCE=-20V,
IC=10mA,f=100MHz
300
MHz
td
Delay time
VCC=-3V, VBE(off)=-0.5V,
IC=-10mA, IB1=IB2=-1mA
35
ns
tr
Rise time
35
ns
ts
Storage time
VCC=-3V, IC=-10mA,
IB1=IB2=-1mA
225
ns
tf
Fall time
75
ns
Note :
1、The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2、The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3、The power dissipation is limited by 150℃ junction temperature
4、The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com