Electronic Components Datasheet Search
  English  ▼

X  

PS0801ARS-0 Datasheet(PDF) 59 Page - Powertip Technology

Part # PS0801ARS-0
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PS0801ARS-0 Datasheet(HTML) 59 Page - Powertip Technology

Back Button PS0801ARS-0 Datasheet HTML 55Page - Powertip Technology PS0801ARS-0 Datasheet HTML 56Page - Powertip Technology PS0801ARS-0 Datasheet HTML 57Page - Powertip Technology PS0801ARS-0 Datasheet HTML 58Page - Powertip Technology PS0801ARS-0 Datasheet HTML 59Page - Powertip Technology PS0801ARS-0 Datasheet HTML 60Page - Powertip Technology PS0801ARS-0 Datasheet HTML 61Page - Powertip Technology PS0801ARS-0 Datasheet HTML 62Page - Powertip Technology PS0801ARS-0 Datasheet HTML 63Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 65 page
background image
ST7066U
V2.0
2001/03/01
36/42
!"
LCD Frame Frequency
#" Assume the oscillation frequency is 270KHZ, 1 clock cycle time = 3.7us, 1/16 duty; 1/5 bias,1 frame
= 3.7us x 200 x 16 = 11840us=11.8ms(84.7Hz)
1
2
3
4
16
1
2
3
4
16
1
2
3
4
16
Vcc
V1
V2
V3
V4
V5
COM1
Vcc
V1
V2
V3
V4
V5
COM2
Vcc
V1
V2
V3
V4
V5
COM16
Vcc
V1
V2
V3
V4
V5
SEGx off
Vcc
V1
V2
V3
V4
V5
1 frame
SEGx on
200 clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com