Electronic Components Datasheet Search
  English  ▼

X  

M36W432B Datasheet(PDF) 36 Page - STMicroelectronics

Part # M36W432B
Description  32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36W432B Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M36W432B Datasheet HTML 32Page - STMicroelectronics M36W432B Datasheet HTML 33Page - STMicroelectronics M36W432B Datasheet HTML 34Page - STMicroelectronics M36W432B Datasheet HTML 35Page - STMicroelectronics M36W432B Datasheet HTML 36Page - STMicroelectronics M36W432B Datasheet HTML 37Page - STMicroelectronics M36W432B Datasheet HTML 38Page - STMicroelectronics M36W432B Datasheet HTML 39Page - STMicroelectronics M36W432B Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
M36W432T, M36W432B
36/57
Figure 20. SRAM Low VDDS Data Retention AC Waveforms, E1S Controlled
Figure 21. SRAM Low VDDS Data Retention AC Waveforms, E2S Controlled
Table 21. SRAM Low VDDS Data Retention Characteristic
Note: 1. All other Inputs VIH ≤ VDD –0.2V or VIL ≤ 0.2V.
2. Sampled only. Not 100% tested.
Symbol
Parameter
Test Condition
Min
Max
Unit
IDDDR
Supply Current (Data Retention)
VDDS = 3.3V, E1S ≥ VDDS – 0.2V,
E2S
≥ VDDS – 0.2V or E2S ≤ 0.2V
15
µA
VDR
Supply Voltage (Data Retention)
E1S
≥ VDDS – 0.2V, E2S ≤ 0.2V
1.5
3.3
V
tCDR
Chip Disable to Power Down
E1S
≥ VDDS – 0.2V, E2S ≤ 0.2V
0ns
tR
Operation Recovery Time
tRC
ns
AI05218
2.8 V
E1S
tCDR
E1S
≥ VDDS – 0.2V
1.5 V
VSSS
VDDS
tR
DATA RETENTION MODE
VDR ≥ 1.5V
AI05219
2.8 V
E2S
tCDR
E2S
≤ 0.2V
1.5 V
VSSS
VDDS
tR
DATA RETENTION MODE
0.4 V
VDR ≥ 1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com