Electronic Components Datasheet Search
  English  ▼

X  

BM-MARM005F Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # BM-MARM005F
Description  Industrial Cable Assemblies M12 X-Code & RJ45
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BM-MARM005F Datasheet(HTML) 2 Page - Bel Fuse Inc.

  BM-MARM005F Datasheet HTML 1Page - Bel Fuse Inc. BM-MARM005F Datasheet HTML 2Page - Bel Fuse Inc. BM-MARM005F Datasheet HTML 3Page - Bel Fuse Inc. BM-MARM005F Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
belfuse.com/stewart-connector
Industrial Cable Assemblies
Stewart Connector
Coiled Cable Assemblies
Bel Part Number
Category
Connector End A
Connector End B
Lengths Available
ft
m
BM-CBMR001F5
Cat 5e
M12 X-Code Male
Shielded, Over Molded RJ45
1ft
0.3m
BM-CBMR003F5
Cat 5e
M12 X-Code Male
Shielded, Over Molded RJ45
3ft
0.9m
BM-CBMR005F5
Cat 5e
M12 X-Code Male
Shielded, Over Molded RJ45
5ft
1.5m
BM-CBMR007F5
Cat 5e
M12 X-Code Male
Shielded, Over Molded RJ45
7ft
2.1m
BM-CBMM001F5
Cat 5e
M12 X-Code Male
M12 X-Code Male
1ft
0.3m
BM-CBMM003F5
Cat 5e
M12 X-Code Male
M12 X-Code Male
3ft
0.9m
BM-CBMM005F5
Cat 5e
M12 X-Code Male
M12 X-Code Male
5ft
1.5m
BM-CBMM007F5
Cat 5e
M12 X-Code Male
M12 X-Code Male
7ft
2.1m
BM-CBRR001F5
Cat 5e
Shielded, Over Molded RJ45
Shielded, Over Molded RJ45
1ft
0.3m
BM-CBRR003F5
Cat 5e
Shielded, Over Molded RJ45
Shielded, Over Molded RJ45
3ft
0.9m
BM-CBRR005F5
Cat 5e
Shielded, Over Molded RJ45
Shielded, Over Molded RJ45
5ft
1.5m
BM-CBRR007F5
Cat 5e
Shielded, Over Molded RJ45
Shielded, Over Molded RJ45
7ft
2.1m
BM = Cable Assembly Family
Series
C = Coil Cord
Cable Type
B = Cat 5e, Teal TPU Cable
Connector End A
M = M12 X-Code Male Plug Assembled
R = Shielded, Over Molded RJ45 Male
Plug with Latch Protector
Mandrel Diameter (in)
5 = 5
8 in (0.D 1.25in)
UOM
F = Feet
M = Meters
Length
001F = 1ft
003F = 3ft
005F = 5ft
007F = 7ft
Connector End B
M = M12 X-Code Male Plug Assembled
R = Shielded, Over Molded RJ45 Male
Plug with Latch Protector
BM - C B M M XXX F A
Part Number Structure



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com