Electronic Components Datasheet Search
  English  ▼

X  

LMC7215 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC7215
Description  Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs and TinyPak??Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7215 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMC7215 Datasheet HTML 3Page - National Semiconductor (TI) LMC7215 Datasheet HTML 4Page - National Semiconductor (TI) LMC7215 Datasheet HTML 5Page - National Semiconductor (TI) LMC7215 Datasheet HTML 6Page - National Semiconductor (TI) LMC7215 Datasheet HTML 7Page - National Semiconductor (TI) LMC7215 Datasheet HTML 8Page - National Semiconductor (TI) LMC7215 Datasheet HTML 9Page - National Semiconductor (TI) LMC7215 Datasheet HTML 10Page - National Semiconductor (TI) LMC7215 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SOT-23-5 Tape and Reel Specification (Continued)
TAPE FORMAT
Tape Section
# Cavities
Cavity Status
Cover Tape Status
Leader
0 (min)
Empty
Sealed
(Start End)
75 (min)
Empty
Sealed
Carrier
3000
Filled
Sealed
1000
Filled
Sealed
Trailer
125 (min)
Empty
Sealed
(Hub End)
0 (min)
Empty
Sealed
TAPE DIMENSIONS
01285311
8 mm
0.130
0.124
0.130
0.126
0.138 ± 0.002
0.055 ± 0.004
0.157
0.315 ±0.012
(3.3)
(3.15)
(3.3)
(3.2)
(3.5 ± 0.05)
(1.4 ± 0.11)
(4)
(8 ± 0.3)
Tape Size
DIM A DIM Ao DIM B DIM Bo
DIM F
DIM Ko
DIM P1
DIM W
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com