Electronic Components Datasheet Search
  English  ▼

X  

IR333C/H2 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # IR333C/H2
Description  5mm Infrared LED , T-1 3/4
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR333C/H2 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  IR333C/H2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR333C/H2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR333C/H2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR333C/H2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR333C/H2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR333C/H2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR333C/H2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 3
Page: 3 of 7
Device No:DIR-033-017
Prepared date:07-20-2005
Prepared by:Jaine Tsai
IR333C/H2
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
IF=20mA
7.8
15
--
IF=100mA
Pulse Width≦100μs and Duty≦1%
--
70
--
Radiant Intensity
Ee
IF=1A
Pulse Width≦100μs and Duty≦1%
--
700
--
mW/sr
Peak Wavelength
λp
IF=20mA
--
940
--
nm
Spectral
Bandwidth
Δλ
IF=20mA
--
45
--
nm
IF=20mA
--
1.2
1.5
IF=100mA
Pulse Width≦100μs and Duty≦1%
--
1.4
1.8
Forward Voltage
VF
IF=1A
Pulse Width≦100μs and Duty≦1%
--
2.6
4.0
V
Reverse Current
IR
VR=5V
--
--
10
μA
View Angle
2θ1/2
IF=20mA
--
30
--
deg
Rank
Condition:IF=20mA
Unit:mW/sr
Bin Number
M
N
P
Q
Min
7.80
11.0
15.0
21.0
Max
12.5
17.6
24.0
34.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com