Electronic Components Datasheet Search
  English  ▼

X  

COM125 Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # COM125
Description  SURFACE MOUNT CRYSTAL OSCILLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

COM125 Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  COM125 Datasheet HTML 1Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
SPECIFICATIONS
REFLOW SOLDERING PROFILE
OUTLINE DRAWING
SURFACE MOUNT CRYSTAL OSCILLATORS
CARRIER TAPE DIMENSIONS
178 mm REEL DIAMETER, 8mm TAPE WIDTH, 4mm PITCH
QUANTITY: 1000 PIECES PER REEL
PACKAGING
PART NUMBERING SYSTEM
EXAMPLES: COM1305-25.000-EXT-T-TR
SERIES COM1
FEATURES
ULTRA SMALL PACKAGE OF 3.2 x 2.5 x 1.0mm TYPICAL
LOW SUPPLY VOLTAGE OF 1.8 AND 2.5 VDC AVAILABLE
STANDBY FUNCTION
** INCLUSIVE OF 25°C TOLERANCE, OPERATING TEMPERATURE RANGE, VOLTAGE OR LOAD CHANGES,
AGING, SHOCK AND VIBRATION. CONSULT FACTORY FOR TIGHTER STABILITY OPTIONS.
COM118
COM125
COM13
COM11810 : ±100 ppm
COM12510 : ±100 ppm
COM1310 : ±100ppm
COM11805 : ±50 ppm
COM12505 : ±50 ppm
COM1305 : ±50ppm
COM118025 : ±25 ppm
COM125025 : ±25 ppm
COM13025 : ±25ppm
VOLTAGE
+1.8 VDC ±5%
+2.5 VDC ±5%
+3.3 VDC ±10%
CURRENT (MAX)
1.544 MHz TO 9.99MHz: 5 mA MAX
10.00 MHz TO 31.99 MHz: 6 mA MAX
32.00 MHz TO 60.00 MHz: 15mA MAX
1.544 MHz TO 9.99MHz: 6 mA MAX
10.00 MHz TO 31.99 MHz: 8 mA MAX
32.00 MHz TO 60.00 MHz: 20mA MAX
1.544 MHz TO 9.99MHz: 7 mA MAX
10.00 MHz TO 31.99 MHz: 10 mA MAX
32.00 MHz TO 60.00 MHz: 20mA MAX
SYMMETRY
RISE / FALL TIME
20 ns MAX
LOGIC "0" LEVEL
VCC X 0.1 V MAX
LOGIC "1" LEVEL
VCC X 0.9 V MIN
LOAD
-10°C TO +70°C (-40°C TO +85°C AVAILABLE)
-55° C TO +125° C
1.544 MHz TO 60.000 MHz
ENABLE/DISABLE FUNCTION
START UP TIME
40 TO 60% AT 50% VDD (45 TO 55% AVAILABLE)
5 ns MAX
15 pF (HCMOS)
PIN 1: HIGH OR OPEN PIN 3: OSCILLATION
PIN 1: LOW PIN 3: HIGH IMPEDANCE
10 µA MAX
10 ms MAX
STANDBY CURRENT
SERIES
FREQUENCY RANGE
FREQUENCY STABILITY **
OPERATING TEMPERATURE RANGE
INPUT
OUTPUT
STORAGE TEMPERATURE RANGE
SERIES
FREQUENCY
EXTENDED
TEMPERATURE
TAPE & REEL
COM1
18
25
3
1.8V
2.5V
3.3V
10
05
±100 PPM
±50 PPM
±25 PPM
IN MHz
EXT
T 45% TO 55%
TR
SUPPLY
VOLTAGE
-
-
FREQUENCY
STABILITY
DUTY CYCLE
-
-
2.2
.087
1.4
.055
2.1±0.2
.083±.008
1
4
2
3
MARKING
AREA
3.2 ± 0.2
.126 ± .008
1.0 MAX
.040 MAX
0.9
.035
SOLDER PATTERN
Scale none Dimensio n in
mm
inch
PIN
FUNCTION
1
ENABLE/DISABLE
2
GROUND
3
OUTPUT
4
SUPPLY VOLTAGE
COM1 SERIES
1.0 DIA
.04 DIA
.160
4.0
1.4 ± 0.1
2.7
.106
.160
4.0
.055 ± .004
2.0
.079
.25 ± .05
.010±.002
LEAD FREE / RoHS COMPLIANT
025
REV. A 3/1/05


Similar Part No. - COM125

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
COM1 MICROCHIP-COM1 Datasheet
197Kb / 6P
64-Pin 8-Bit Flash Microcontroller Product Brief
2008
logo
DFI Inc
COM100-B DFI-COM100-B Datasheet
755Kb / 2P
COM Express Carrier Board
COM101-BAT DFI-COM101-BAT Datasheet
1Mb / 2P
COM Express Carrier Board
logo
List of Unclassifed Man...
COM117HVT ETC-COM117HVT Datasheet
30Kb / 2P
COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTAGE
COM117T ETC-COM117T Datasheet
17Kb / 2P
(COTS) COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN TO-257 PACKAGE
More results

Similar Description - COM125

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CO-760PS ETC-CO-760PS Datasheet
124Kb / 4P
Surface Mount Oven Controlled Crystal Oscillators
logo
Raltron Electronics Cor...
COM23025-44.000-WLAN RALTRON-COM23025-44.000-WLAN Datasheet
23Kb / 1P
SURFACE MOUNT CRYSTAL OSCILLATORS
CO66 RALTRON-CO66 Datasheet
65Kb / 1P
SURFACE MOUNT CRYSTAL OSCILLATORS
logo
Kyocera Kinseki Corpota...
K50H-3C KSS-K50H-3C Datasheet
246Kb / 7P
Clock Crystal Oscillators Surface Mount Type
logo
Vectron International, ...
CO-760PS VECTRON-CO-760PS Datasheet
126Kb / 4P
Surface Mount Oven Controlled Crystal Oscillators
logo
ACCUTEK MICROCIRCUIT CO...
AK04D300-XTAL-04CLCC ACCUTEK-AK04D300-XTAL-04CLCC Datasheet
193Kb / 3P
Crystal Oscillators in Surface Mount Packages
logo
Oscilent Corporation
CO-430 OSCILENT-CO-430 Datasheet
151Kb / 3P
430 Series Surface Mount Crystal Oscillators
CO-433 OSCILENT-CO-433 Datasheet
134Kb / 2P
433 Series Surface Mount Crystal Oscillators
CO-492 OSCILENT-CO-492 Datasheet
142Kb / 2P
492 Series Surface Mount Crystal Oscillators
CO-493 OSCILENT-CO-493 Datasheet
142Kb / 2P
493 Series Surface Mount Crystal Oscillators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com