Electronic Components Datasheet Search
  English  ▼

X  

BIF1 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BIF1
Description  5-800 MHz Internally Matched IF Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BIF1 Datasheet(HTML) 4 Page - BeRex Corporation

  BIF1 Datasheet HTML 1Page - BeRex Corporation BIF1 Datasheet HTML 2Page - BeRex Corporation BIF1 Datasheet HTML 3Page - BeRex Corporation BIF1 Datasheet HTML 4Page - BeRex Corporation BIF1 Datasheet HTML 5Page - BeRex Corporation BIF1 Datasheet HTML 6Page - BeRex Corporation BIF1 Datasheet HTML 7Page - BeRex Corporation BIF1 Datasheet HTML 8Page - BeRex Corporation BIF1 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
4
Rev. 10.3
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
5-800 MHz Internally Matched IF Amplifier
BIF1
S-Parameter
(Vdevice = 5.0V, Icc = 105mA, T = 25 °C, calibrated to device leads)
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
100
0.617
175.8
6.221
176.0
0.086
0.1
0.136
-11.0
500
0.610
158.6
5.549
161.5
0.094
-2.4
0.152
-58.7
1000
0.585
139.9
5.456
147.9
0.086
-4.0
0.194
-101.8
1500
0.567
121.9
5.193
134.2
0.093
-1.6
0.252
-138.3
2000
0.477
103.1
5.197
121.3
0.089
-10.2
0.294
-168.7
2500
0.450
87.8
5.296
111.9
0.089
-5.6
0.354
163.7
3000
0.408
69.5
6.415
94.6
0.094
-11.4
0.429
134.2
3500
0.368
59.9
6.356
71.1
0.091
-11.4
0.495
112.2
4000
0.381
44.8
6.220
50.3
0.101
-17.7
0.554
82.2
Typical Device Data
S-parameters (Vc=5V, Ic=105mA, T=25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com