Electronic Components Datasheet Search
  English  ▼

X  

BIF3 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BIF3
Description  5-800 MHz Internally Matched IF Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BIF3 Datasheet(HTML) 4 Page - BeRex Corporation

  BIF3 Datasheet HTML 1Page - BeRex Corporation BIF3 Datasheet HTML 2Page - BeRex Corporation BIF3 Datasheet HTML 3Page - BeRex Corporation BIF3 Datasheet HTML 4Page - BeRex Corporation BIF3 Datasheet HTML 5Page - BeRex Corporation BIF3 Datasheet HTML 6Page - BeRex Corporation BIF3 Datasheet HTML 7Page - BeRex Corporation BIF3 Datasheet HTML 8Page - BeRex Corporation BIF3 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
4
Rev. 10.3
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
5-800 MHz Internally Matched IF Amplifier
BIF3
S-Parameter
(Vdevice = 5.0V, Icc = 85mA, T = 25 °C, calibrated to device leads)
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
100
0.624
178.2
10.523
169.9
0.059
1.5
0.096
-26.0
500
0.678
164.5
7.809
137.3
0.069
0.3
0.162
-107.1
1000
0.748
144.2
5.812
155.4
0.067
-0.4
0.223
-156.6
1500
0.788
121.2
4.823
100.6
0.078
-7.1
0.272
167.3
2000
0.790
102.1
4.095
82.6
0.070
-23.9
0.271
140.3
2500
0.861
76.9
3.935
74.1
0.076
-17.5
0.305
116.8
3000
0.873
54.1
4.121
51.6
0.072
-41.4
0.327
94.2
3500
0.955
26.4
3.614
30.1
0.061
-39.1
0.347
75.9
4000
1.037
-3.3
3.252
11.4
0.060
-53.2
0.362
55.0
Typical Device Data
S-parameters (Vc=5V, Ic=85mA, T=25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com