Electronic Components Datasheet Search
  English  ▼

X  

BIF5 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BIF5
Description  5-800 MHz Internally Matched IF Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BIF5 Datasheet(HTML) 2 Page - BeRex Corporation

  BIF5 Datasheet HTML 1Page - BeRex Corporation BIF5 Datasheet HTML 2Page - BeRex Corporation BIF5 Datasheet HTML 3Page - BeRex Corporation BIF5 Datasheet HTML 4Page - BeRex Corporation BIF5 Datasheet HTML 5Page - BeRex Corporation BIF5 Datasheet HTML 6Page - BeRex Corporation BIF5 Datasheet HTML 7Page - BeRex Corporation BIF5 Datasheet HTML 8Page - BeRex Corporation BIF5 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
2
Rev. 10.3
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
5-800 MHz Internally Matched IF Amplifier
BIF5
Typical Performance (Vd = 5V, Ic = 107mA, T = 25°C)
Typical Performance (Vd = 4.7V, Ic = 95mA, T = 25°C)
Typical Performance (Vd = 4.5V, Ic = 85mA, T = 25°C)
Freq
MHz
70
140
250
500
800
S21
dB
17.5
17.5
17.5
17.5
17.1
S11
dB
-15.8
-15.4
-15.5
-14.1
-18.3
S22
dB
-17.1
-19.1
-26.3
-16.1
-10.8
P1
dBm
20.5
20.5
20.5
21.0
21
OIP3
dBm
43
42.5
41.0
40.0
37
NF
dB
4.0
4.1
4.2
4.3
4.3
Freq
MHz
70
140
250
500
800
S21
dB
17.6
17.5
17.4
17.4
17.1
S11
dB
-15.1
-17.3
-18.1
-17.5
-18.7
S22
dB
-14.3
-13.7
-14.1
-14
-10.7
P1
dBm
19.6
20.2
20.1
20.4
20
OIP3
dBm
41
40.5
39.5
37
35.5
NF
dB
4.0
4.1
4.2
4.3
4.3
Freq
MHz
70
140
250
500
800
S21
dB
17.4
17.4
17.5
17.4
17
S11
dB
-15.3
-17.6
-18.3
-17.8
-18.9
S22
dB
-14.2
-13.5
-13.9
-13.9
-10.6
P1
dBm
19.2
19.0
19.2
19.4
19.4
OIP3
dBm
40.0
41.0
38.5
36.5
35
NF
dB
4.0
4.1
4.2
4.3
4.3
Typical Performance (Vd = 4V, Ic = 63mA, T = 25°C)
Freq
MHz
70
140
250
500
800
S21
dB
17.4
17.3
17.2
17.2
16.9
S11
dB
-16
-18.6
-19.5
-18.9
-20.1
S22
dB
-13.8
-13.1
-13.5
-13.5
-10.3
P1
dBm
17
17.5
17.7
17.5
17.2
OIP3
dBm
35.5
35.5
35
33
32
NF
dB
4.0
4.1
4.2
4.3
4.3
Typical Performance (Vd = 3.5V, Ic = 41mA, T = 25°C)
Freq
MHz
70
140
250
500
800
S21
dB
17.1
17.0
16.9
16.8
16.5
S11
dB
-17.9
-21.2
-22.6
-21.7
-23.1
S22
dB
-13.1
-12.3
-12.6
-12.6
-9.8
P1
dBm
13.7
14.6
14.6
14.5
14.2
OIP3
dBm
29
29
29
27.5
27.5
NF
dB
4.0
4.1
4.2
4.3
4.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com