Electronic Components Datasheet Search
  English  ▼

X  

BIG2 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BIG2
Description  30-600 MHz Internally Matched IF Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BIG2 Datasheet(HTML) 2 Page - BeRex Corporation

  BIG2 Datasheet HTML 1Page - BeRex Corporation BIG2 Datasheet HTML 2Page - BeRex Corporation BIG2 Datasheet HTML 3Page - BeRex Corporation BIG2 Datasheet HTML 4Page - BeRex Corporation BIG2 Datasheet HTML 5Page - BeRex Corporation BIG2 Datasheet HTML 6Page - BeRex Corporation BIG2 Datasheet HTML 7Page - BeRex Corporation BIG2 Datasheet HTML 8Page - BeRex Corporation BIG2 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
2
2
Rev. 8.3
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2021 BeRex
30-600 MHz Internally Matched IF Amplifier
BIG2
Application Circuit: 70-500 MHz
Typical Performance (Vd = 5V, Ic = 83mA, T = 25°C)
Typical Performance (Vd = 4.7V, Ic = 74mA, T = 25°C)
Freq
MHz
70
140
200
500
S21
dB
15.6
15.8
15.9
15.9
S11
dB
-19.6
-22.6
-22.4
-17.4
S22
dB
-13.1
-13.5
-14.1
-15.0
P1
dBm
20.3
20.7
20.9
20.0
OIP3
dBm
40.0
41.5
40.1
38.2
NF
dB
3.3
3.3
3.3
3.2
Freq
MHz
70
140
200
500
S21
dB
15.6
15.8
15.8
15.8
S11
dB
-19.9
-23.1
-22.7
-17.4
S22
dB
-13.0
-13.4
-14.0
-14.9
P1
dBm
19.4
19.6
19.8
19.2
OIP3
dBm
38.3
40.3
38.0
36.7
NF
dB
3.3
3.3
3.2
3.2
Typical Performance (Vd = 4.5V, Ic = 68mA, T = 25°C)
Freq
MHz
70
140
200
500
S21
dB
15.6
15.7
15.8
15.8
S11
dB
-20.2
-23.5
-23.0
-17.5
S22
dB
-13.0
-13.4
-14.0
-14.9
P1
dBm
18.6
18.8
18.9
18.6
OIP3
dBm
38.0
38.5
37.5
35.5
NF
dB
3.2
3.2
3.1
3.1
Typical Performance (Vd = 4V, Ic = 53mA, T = 25°C)
Freq
MHz
70
140
200
500
S21
dB
15.5
15.6
15.7
15.7
S11
dB
-21.2
-25.2
-24.1
-17.7
S22
dB
-12.7
-13.1
-13.8
-14.7
P1
dBm
16.5
16.5
16.4
16.2
OIP3
dBm
33.5
32.9
31.6
31.5
NF
dB
3.1
3.1
3.0
3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com