Electronic Components Datasheet Search
  English  ▼

X  

M40Z111MH6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M40Z111MH6
Description  5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z111MH6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M40Z111MH6 Datasheet HTML 2Page - STMicroelectronics M40Z111MH6 Datasheet HTML 3Page - STMicroelectronics M40Z111MH6 Datasheet HTML 4Page - STMicroelectronics M40Z111MH6 Datasheet HTML 5Page - STMicroelectronics M40Z111MH6 Datasheet HTML 6Page - STMicroelectronics M40Z111MH6 Datasheet HTML 7Page - STMicroelectronics M40Z111MH6 Datasheet HTML 8Page - STMicroelectronics M40Z111MH6 Datasheet HTML 9Page - STMicroelectronics M40Z111MH6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
M40Z111, M40Z111W
6/15
Table 5. DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 4.5 to 5.5V or 2.7 to 3.6V (except where noted).
2. Outputs deselected.
Sym
Parameter
Test
Condition(1)
M40Z111
M40Z111W
Unit
Min
Typ
Max
Min
Typ
Max
ICC
Supply Current
Outputs open
3
6
2
4
mA
ICCDR
Data Retention Mode
Current
150
150
nA
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
±1
µA
ILO
(2)
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
±1
µA
IOUT1 VOUT Current (Active)
VOUT >VCC –0.3
160
100
mA
VOUT >VCC –0.2
100
65
mA
IOUT2
VOUT Current (Battery
Back-up)
VOUT >VBAT –0.3
100
100
µA
VBAT
Battery Voltage
2.0
3.0
3.5
2.0
3.0
3.5
V
VIH
Input High Voltage
2.2
VCC +0.3
2.0
VCC +0.3
V
VIL
Input Low Voltage
–0.3
0.8
–0.3
0.8
V
VOH
Output High Voltage
IOH = –2.0mA
2.4
2.4
V
VOHB VOH Battery Back-up
IOUT2 = –1.0µA
2.0
2.9
3.6
2.0
2.9
3.6
V
VOL
Output Low Voltage
IOL = 4.0mA
0.4
0.4
V
THS
Threshold Select Voltage
VSS
VOUT
VSS
VOUT
V
VPFD
Power-fail Deselect
Voltage (THS = VSS)
4.50
4.60
4.75
2.80
2.90
3.00
V
Power-fail Deselect
Voltage (THS = VOUT)
4.20
4.35
4.50
2.50
2.60
2.70
V
VSO
Battery Back-up
Switchover Voltage
3.0
VPFD –
100mV
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com