Electronic Components Datasheet Search
  English  ▼

X  

CSB.M03.GLL.C52RZ Datasheet(PDF) 2 Page - LEMO Connectors

Part # CSB.M03.GLL.C52RZ
Description  REDEL P - Push-Pull
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

CSB.M03.GLL.C52RZ Datasheet(HTML) 2 Page - LEMO Connectors

  CSB.M03.GLL.C52RZ Datasheet HTML 1Page - LEMO Connectors CSB.M03.GLL.C52RZ Datasheet HTML 2Page - LEMO Connectors CSB.M03.GLL.C52RZ Datasheet HTML 3Page - LEMO Connectors CSB.M03.GLL.C52RZ Datasheet HTML 4Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.lemo.com/int_en/solutions/redel/redel-p-push-pull/csb-m03-gll-c52rz.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
Technical details
Electrical Configuration
Number of contacts Low Voltage
3
Contact Termination Low voltage
Solder
Insert configuration value
2P.M03 - 3 Low V.
Insulator
L: PEEK for solder contacts
Rated current
17 A
Test voltage contact-contact
3.39 (kV DC)
Air clearance
1.5 mm
Creepage distance
1.5 mm
Bucket Dia.
1.4 mm (0.055in)
Contact Dia.
1.6 mm (0.062in)
Wire Size/AWG
24 - 16
Gender
Standard
Form & Material
Shell style / Model id
CS - Free receptacle with cable collet, watertight (IP 66)
and nut for fitting a bend relief
Socket / Receptacle
Free
Housing material
PSU (Polysulfone), grey
Locking system
Push-pull
Keying
B: 3 keys (alpha=0, gamma=60, Plug: male contacts,
Receptacle: female contacts)
Colour
Grey - Red
Weight
11.24 g



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com