Electronic Components Datasheet Search
  English  ▼

X  

2N3634 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 2N3634
Description  PNP Transistor Bare Die
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

2N3634 Datasheet(HTML) 2 Page - Silicon Supplies

  2N3634 Datasheet HTML 1Page - Silicon Supplies 2N3634 Datasheet HTML 2Page - Silicon Supplies 2N3634 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Absolute Maximum Ratings T
A = 25°C unless otherwise stated
Rev 1.0
31/01/25
PNP Transistor Bare Die, 2N3634
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-140
V
Collector-Emitter Voltage
VCEO
-140
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-1
A
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
-55 to 150
°C
Electrical Characteristics T
A = 25°C unless otherwise stated
1. Pulse Test: pulse width = 300µs, duty cycle < 2.0% 2. Not production testing in die form, characterized by chip design & package verification.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
IC = -100µA
-140
-
-
V
Collector-Emitter Breakdown Voltage
1
V(BR)CEO
IC = -10mA
-140
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE = -10µA
-5
-
-
V
VCB = -100V
-
-
-100
nA
Collector Cut-off Current
ICBO
VCB = -140V
-
-
-10
µA
VEB = -3V
-
-
-50
nA
Emitter Cut-off Current
IEBO
VEB = -5V
-
-
-10
µA
ON CHARACTERISTICS
1
VCE = -10V, IC = -0.1mA
25
-
-
-
VCE = -10V, IC = -1mA
45
-
-
-
VCE = -10V, IC = -10mA
50
-
-
-
VCE = -10V, IC = -50mA
50
-
150
-
Forward-Current Transfer Ratio
hFE
VCE = -10V, IC = -150mA
30
-
-
-
IC = -10mA, IB = -1mA
-
-
-0.3
V
Collector-Emitter Saturation Voltage
VCE(sat)
IC = -50mA, IB = -5mA
-
-
-0.6
V
IC = -10mA, IB = -1mA
-
-
-0.8
V
Base Saturation Voltage
VBE(sat)
IC = -50mA, IB = -5mA
-0.65
-
-0.9
V
SMALL SIGNAL CHARACTERISTICS
2
Forward Current Transfer Ratio
|hfe|
VCE = -30V, IC = -30mA, f = 100MHz
1.5
-
8.0
-
Forward Current Transfer Ratio
hfe
VCE = -10V, IC = -10mA, f = 1kHz
40
-
160
-
Output Capacitance
Cobo
VCB = -20V,IE = 0,100kHz ≤ f ≤1MHz
-
-
10
pF
Input Capacitance
Cibo
VEB = -1V,IC = 0, 100kHz ≤ f ≤ 1MHz
-
-
75
pF
VCE = 10V, IC = 0.5mA,
Rg = 1kΩ, f = 100Hz
-
-
5
dB
Noise Figure
NF
VCE = 10V, IC = 0.5mA,
Rg = 1kΩ, 1kHz ≤ f ≤10kHz
-
-
3
dB
Page 2 of 3
www.siliconsupplies.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com