Electronic Components Datasheet Search
  English  ▼

X  

LL60 Datasheet(PDF) 3 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # LL60
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

LL60 Datasheet(HTML) 3 Page - Shanghai Shunye Electronics Co.,Ltd.

  LL60 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. LL60 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. LL60 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FIG.1-FORWARD CURRENT VERSUS FOR
WARDVOLTAGE (TYPICAL VALUES)
FIG.2-REVERSE CURRENT VERSUS CONTIN
UOUSREVERSE VOLTAGE
IR( A)
C(pF)
IF(mA)
VR(V)
VR(V)
VF(V)
0
0
0
50
0.10
6
100
0.20
8
150
0.30
10
200
250
0.40
12
300
0.50
14
350
0.60
16
400
0.70
18
20
450
500
0.2
5
1
0.4
10
2
0.8
20
4
0.6
15
3
1.0
25
5
30
6
FIG.3-JUNCTION CAPACITANCE VERSUS CONTINUOUS
REVERSE APPLIED VOLTAGE
FIG.4-DETECTION EFFICIENCY MEASUREMENT
CIRCUIT
D.U.T.
Input:3VRMS
output
CL
RL
10pF
3.8kW
~
~
~
www.shunyegroup.com.cn
V2.22
LL60 THUR LL60P
SMALL SIGNAL SCHOTTKY DIODES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com