Electronic Components Datasheet Search
  English  ▼

X  

DIW030F135 Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # DIW030F135
Description  Fast Switching IGBTwith Reverse Diode Schnell Schaltender IGBT mit Rückwärtsdiode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

DIW030F135 Datasheet(HTML) 3 Page - Diotec Semiconductor

  DIW030F135 Datasheet HTML 1Page - Diotec Semiconductor DIW030F135 Datasheet HTML 2Page - Diotec Semiconductor DIW030F135 Datasheet HTML 3Page - Diotec Semiconductor DIW030F135 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIW030F135
Characteristics (diode)
Kennwerte (Diode)
Tj = 25°C
Min.
Typ.
Max.
Forward voltage – Durchlass-Spannung
VGE = 0 V
IF = 30 A
VF
–
–
2.4 V
Peak reverse recovery current – Rückstromspitze
VCC = 600 V IC = 30 A
VGE = +15 V
RG = 4.7 Ω
L = 500 µH
(Fig. 1)
Irr
–
55 A
–
Reverse recovery charge – Sperrverzugsladung
VCC = 600 V IC = 30 A
VGE = +15 V
RG = 4.7 Ω
L = 500 µH
(Fig. 1)
Qrr
–
4.5 µC
–
Characteristics (thermal)
Kennwerte (thermisch)
Typical thermal resistance junction to case
Typischer Wärmewiderstand Sperrschicht – Gehäuse
RthC
0.95 K/W 1)
Dimensions - Maße [mm]
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Measured at heat flange – Gemessen an der Kühlfahne
© Diotec Semiconductor AG
http://www.diotec.com/
3
Relative transient thermal impedance vs. pulse duration
Relativer transienter Wärmewiderstand über Impulsdauer
Z
thC
10
[s]
10
10
10
10
[t ]
1
-5
-4
-3
-2
-1
p
10
-1
1
10
-3
10-2
D
0
0
t
T
p
D =t /T
p
0.5
0.1
0.01
0.005
0.05
0.3
[%]
P
tot
120
100
80
60
40
20
0
[°C]
T
C
150
100
50
0
Power dissipation versus case temperature
Verlustleistung in Abh. von d. Gehäusetemp.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com