Electronic Components Datasheet Search
  English  ▼

X  

DIW075M065 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # DIW075M065
Description  Medium Fast Switching IGBT with Reverse Diode Mittelschnell schaltender IGBT mit Rückwärtsdiode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

DIW075M065 Datasheet(HTML) 2 Page - Diotec Semiconductor

  DIW075M065 Datasheet HTML 1Page - Diotec Semiconductor DIW075M065 Datasheet HTML 2Page - Diotec Semiconductor DIW075M065 Datasheet HTML 3Page - Diotec Semiconductor DIW075M065 Datasheet HTML 4Page - Diotec Semiconductor DIW075M065 Datasheet HTML 5Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DIW075M065
Characteristics (static)
Kennwerte (statisch)
Tj = 25°C
Min.
Typ.
Max.
Collector-Emitter breakdown voltage – Kollektor-Emitter-Durchbruchspannung
IC = 1 mA
VGS = 0 V (short)
V(BR)CES
650 V
–
–
Collector-Emitter leakage current – Kollektor-Emitter Leckstrom
VCE = VCES
VGS = 0 V (short)
ICES
–
–
1 mA
Gate-Emitter leakage current – Gate-Emitter Leckstrom
VGS = ±20 V VCE = 0 V (short)
IGES
–
–
± 250 nA
Gate-Emitter threshold voltage – Gate-Emitter Schwellspannung
VGE = VCE
IC = 250 µA
VGE(th)
3.5 V
–
6.5 V
Collector-Emitter saturation voltage – Kollektor-Emitter Sättigungsspannung
VGE = 15 V
IC = 75 A
Tj = 25°C
Tj = 150°C
VCE(sat)
–
1.45 V
1.80 V
1.90 V
–
Characteristics (dynamic)
Kennwerte (dynamisch)
Tj = 25°C
Min.
Typ.
Max.
Input Capacitance – Eingangskapazität
VCE = 30 V
VGE = 0 V
f = 1 MHz
Ciss
–
5640 pF
–
Output Capacitance – Ausgangskapazität
VCE = 30 V
VGE = 0 V
f = 1 MHz
Coss
–
220 pF
–
Reverse Transfer Capacitance – Rückwirkungskapazität
VCE = 30 V
VGE = 0 V
f = 1 MHz
Crss
–
35 pF
–
Turn-On Delay & Rise Time – Einschaltverzögerung und Anstiegszeit
VCC = 600 V IC = 30 A
VGE = +15 V
RG = 4.7 Ω
L = 500 µH
(Fig. 1)
td(on)
tr
–
61 ns
55 ns
–
Turn-Off Delay Time & Fall Time – Ausschaltverzögerung und Abfallzeit
VCC = 600 V IC = 30 A
VGE = –15 V
RG = 4.7 Ω
L = 500 µH
(Fig. 1)
td(off)
tf
–
310 ns
47 ns
–
Turn-On Energy – Einschaltenergie
1)
VCC = 600 V IC = 30 A
VGE = +15 V
RG = 4.7 Ω
L = 500 µH
(Fig. 1)
Eon
–
3.4 mJ
–
Turn-Off Energy – Ausschaltenergie
2)
VCC = 600 V IC = 30 A
VGE = –15 V
RG = 4.7 Ω
L = 500 µH
(Fig. 1)
Eoff
–
2.3 mJ
–
Intrinsic Gate resistance – Innerer Gatewiderstand
f = 1 Mhz
C open
RGi
–
tbd Ω
–
1
Including reverse recovery losses – Einschließlich Sperrverzugsverluste
2
Including current tail losses – Einschließlich Stromschweifverluste
2
http://www.diotec.com/
© Diotec Semiconductor AG
t
d(on)
V
GE
90%
10%
V
CE
t
r
t
d(off)
t
f
Fig. 1
Test circuit for switching
times and energies
(“rise“ and “fall“ refer to I )
C
Testaufbau für Schaltzeiten
und -Energien
(“rise“ und “fall“ beziehen sich auf I
C)
V
GE
R
G
V
CE
V
CC
I
C
L



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com