Electronic Components Datasheet Search
  English  ▼

X  

A1173-LSL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A1173-LSL
Description  SPECIFICATION FOR APPROVAL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A1173-LSL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A1173-LSL Datasheet HTML 1Page - List of Unclassifed Manufacturers A1173-LSL Datasheet HTML 2Page - List of Unclassifed Manufacturers A1173-LSL Datasheet HTML 3Page - List of Unclassifed Manufacturers A1173-LSL Datasheet HTML 4Page - List of Unclassifed Manufacturers A1173-LSL Datasheet HTML 5Page - List of Unclassifed Manufacturers A1173-LSL Datasheet HTML 6Page - List of Unclassifed Manufacturers A1173-LSL Datasheet HTML 7Page - List of Unclassifed Manufacturers A1173-LSL Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FAN THICKNESS
3 : 38mm
5 : 51mm
Capacitor
SUNON
MODEL NUMBERING SYSTEM
FAN SERIES
A : AC FAN
VOLTAGE
1 : 115VAC
2 : 220~240VAC
FRAME SIZE
17 : 172mm
TERMINAL
T : TERMINAL
L : LEAD WIRE
BEARING SYSTEM
B : BALL
S : SLEEVE
SPEED
H : HIGH
M: MIDDLE
L : LOW
SPEC. NO.
A170028
REVISE DATE
ISSUE DATE
06. 22. 2001 E D I T I O N
0
建準電機工業股份有限公司
建準電機工業股份有限公司
建準電機工業股份有限公司
建準電機工業股份有限公司
SUNONWEALTH ELECTRIC
MACHINE INDUSTRY CO., LTD.
P A G E
1 OF 7
A
L
B
H
5
17
2
T
C
Thermal Cutout
R
Round Frame



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com