Electronic Components Datasheet Search
  English  ▼

X  

9FGL02X1 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # 9FGL02X1
Description  3.3V PCIe Gen1-6 Clock Generator Family
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9FGL02X1 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button 9FGL02X1 Datasheet HTML 19Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 20Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 21Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 22Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 23Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 24Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 25Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 26Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
R31DS0112EU0107 Rev.1.07
Page 23
Dec 13, 2024
9FGL02x1/04x1/06x1/08x1D Datasheet
Byte 4 is Reserved
Table 23. Byte 2: DIF Slew Selection Register [1]
1. See Differential Low-Power HCSL Outputs table for slew rates.
Byte 2
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Control
Function
Select fast or
slow slew
rate
Select fast or
slow slew
rate
Select fast or
slow slew
rate
Select fast or
slow slew
rate
Select fast or
slow slew
rate
Select fast or
slow slew
rate
Select fast or
slow slew
rate
Select fast or
slow slew
rate
Type
RW
RW
RW
RW
RW
RW
RW
RW
0
Slow Slew Rate
1
Fast Setting
9FGL08
Name
DIF7_slew
DIF6_slew
DIF5_slew
DIF4_slew
DIF3_slew
DIF2_slew
DIF1_slew
DIF0_slew
9FGL08
Default
1
1
1
1
1
1
1
1
9FGL06
Name
DIF5_slew
DIF4_slew
Reserved
DIF3_slew
DIF2_slew
DIF1_slew
Reserved
DIF0_slew
9FGL06
Default
1
1
x
1
1
1
x
1
9FGL04
Name
Reserved
Reserved
Reserved
Reserved
DIF3_slew
DIF2_slew
DIF1_slew
DIF0_slew
9FGL04
Default
x
x
x
x
1
1
1
1
9FGL02
Name
Reserved
Reserved
Reserved
Reserved
Reserved
DIF1_slew
DIF0_slew
Reserved
9FGL02
Default
x
x
x
x
x
1
1
x
Table 24. Byte 3: REF Slew Rate Control Register
Byte 3
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Control
Function
Slew Rate Control
Wake-on-Lan
Enable for REF
REF Output
Enable
Reserved
Reserved
Reserved
Reserved
Type
RW
RW
RW
RW
0
00 = Slowest
10 = Fast
REF disabled in
Power Down
Disabled [1]
1. The disabled state depends on Byte11[1:0]. '00' = Low, '01'= HiZ, '10' = Low, '11' = High.
1
01 = Slow
11 = Fastest
REF runs in
Power Down
Enabled
Name
REF Slew Rate [1:0]
REF Power
Down Function
REF OE
Default
0
1
0
1
x
x
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com