Electronic Components Datasheet Search
  English  ▼

X  

MM5Z20 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MM5Z20
Description  SMD Planar Zener Diodes SMD Planar Zener-Dioden
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MM5Z20 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MM5Z20 Datasheet HTML 1Page - Diotec Semiconductor MM5Z20 Datasheet HTML 2Page - Diotec Semiconductor MM5Z20 Datasheet HTML 3Page - Diotec Semiconductor MM5Z20 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MM5Z2V4 ... MM5Z47
Characteristics
(Tj = 25°C unless otherwise specified)
Kennwerte
(Tj = 25°C wenn nicht anders spezifiziert)
Type
Typ
Q
) -Q
A
) -AQ
Code
Zener voltage 1)
Zener-Spanng. 1)
IZ = 5 mA
Dynamic resistance
Inhär. diff. Widerstandrzj
[Ω] at f = 1 kHz
Temp. Coeffiz.
of Z-voltage
…der Z-spanng.
Reverse voltage
Sperrspannung
VR at/bei IR
Z-current 2)
Z-Strom 2)
TA = 25°C
3
)
Vzmin [V]
Vzmax [V]
IZ = 5 mA
IZ = 1 mA
αVZ [10-4/°C]
VR [V]
IR [µA]
IZmax [mA]
MM5Z2V4
Z7
2.2
2.6
< 100
< 1000
-8...-5
1.0
120
77
MM5Z2V7
A8
2.5
2.9
< 100
< 1000
-8...-5
1.0
120
69
MM5Z3V0
B8
2.8
3.2
< 100
< 1000
-8...-5
1.0
50
63
MM5Z3V3 QA)
C8
3.1
3.5
< 95
< 1000
-8...-5
1.0
20
57
MM5Z3V6
D8
3.4
3.8
< 90
< 1000
-8...-5
1.0
10
53
MM5Z3V9
E8
3.7
4.1
< 90
< 1000
-8...-5
1.0
5
49
MM5Z4V3
F8
4.0
4.6
< 90
< 1000
-7...-4
1.0
5
43
MM5Z4V7
G8
4.4
5.0
< 80
< 800
-5...-2
1.0
2
40
MM5Z5V1 A)
H8
4.8
5.4
< 60
< 500
-2...+2
1.5
2
37
MM5Z5V6 A)
I8
5.2
6.0
< 40
< 200
-1...+4
2.5
1
33
MM5Z6V2
J8
5.8
6.6
< 10
< 100
+2...+5
3.0
1
30
MM5Z6V8
K8
6.4
7.2
< 15
< 160
+3...+6
3.5
0.5
28
MM5Z7V5
L8
7.0
7.9
< 15
< 160
+3...+6
4.0
0.5
25
MM5Z8V2 A)
M8
7.7
8.7
< 15
< 160
+4...+7
5.0
0.5
23
MM5Z9V1 A)
N8
8.5
9.6
< 15
< 160
+4...+7
6.0
0.5
21
MM5Z10 Q)
O8
9.4
10.6
< 20
< 160
+5...+8
7.0
0.1
19
MM5Z11
P8
10.4
11.6
< 20
< 160
+5...+8
8.0
0.1
17
MM5Z12
Q8
11.4
12.7
< 25
< 80
+5...+8
9.0
0.1
16
MM5Z13 A)
R8
12.4
14.1
< 30
< 80
+6...+9
10.0
0.1
14
MM5Z15 A)
S8
13.8
15.6
< 30
< 80
+6...+9
11.0
0.1
13
IZ =
2 mA
2 mA
2 mA
1 mA
MM5Z16 A)
T8
15.3
17.1
< 40
< 80
+6...+9
12
0.1
12
MM5Z18
U8
16.8
19.1
< 45
< 80
+6...+9
13
0.1
10
MM5Z20
V8
18.8
21.2
< 55
< 100
+6...+9
15
0.1
9
MM5Z22 A)
W8
20.8
23.3
< 55
< 100
+7...+10
17
0.1
9
MM5Z24
X8
22.8
25.6
< 70
< 120
+7...+10
19
0.1
8
MM5Z27 A)
Y8
25.1
28.9
< 80
< 300
+7...+10
21
0.1
7
MM5Z30
Z8
28
32
< 80
< 300
+7...+10
23
0.1
6
MM5Z33
A9
31
35
< 80
< 300
+7...+10
25
0.1
6
MM5Z36
B9
34
38
< 90
< 500
+7...+10
27
0.1
5
MM5Z39
C9
37
41
< 130
< 500
+7...+10
30
2
5
IZ =
1 mA
1 mA
1 mA
1 mA
MM5Z43 A)
D9
40
46
< 150
< 500
+7...+10
33
2
4
MM5Z47
E9
44
50
< 170
< 500
+7...+10
36
2
4
1
Tested with pulses tp = 5 ms – Gemessen mit Impulsen tp = 5 ms
2
Mounted on P.C. board with 3 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
3
Q) Available in -Q. Ordering code e. g. MM5Z5V1-Q – A) Available in -AQ. Ordering code e. g. MM5Z5V1-AQ
Q) Erhältlich in -Q. Bestellnummer z. B. MM5Z5V1-Q – A) Erhältlich in -AQ. Bestellnummer z. B. MM5Z5V1-AQ
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com