Electronic Components Datasheet Search
  English  ▼

X  

MMST2222A-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # MMST2222A-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMST2222A-HF Datasheet(HTML) 2 Page - Comchip Technology

  MMST2222A-HF Datasheet HTML 1Page - Comchip Technology MMST2222A-HF Datasheet HTML 2Page - Comchip Technology MMST2222A-HF Datasheet HTML 3Page - Comchip Technology MMST2222A-HF Datasheet HTML 4Page - Comchip Technology MMST2222A-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
General Purpose Transistor
Typical Rating and Characteristic Curves (MMST2222A-HF)
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Max
Unit
Collector-base breakdown voltage
IC = 10μA, IE = 0
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
Collector cut-off current
Emitter cut-off current
DC current gain (Note 1)
IC = 10mA, IB = 0
IE = 10μA, IC = 0
VCB = 70V, IE = 0
VCE = 35V, IB = 0
VEB = 3V, IC = 0
VCE = 10V, IC = 150mA
VCE = 10V, IC = 0.1mA
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
ICEO
IEBO
hFE(1)
hFE(2)
V
V
V
nA
nA
nA
VCE = 10V, IC = 10mA
hFE(3)
VCE = 10V, IC = 500mA
hFE(4)
VCE = 1V, IC = 150mA
hFE(5)
Transition frequency
Delay time
Storage time
Rise time
Fall time
VCE = 20V, IC = 20mA, f = 100MHZ
VCC = 30V, VBE(off) = -0.5V
IC = 150mA, IB1 = 15mA
VCC = 30V, IC = 150mA
IB1 = IB2 = 15mA
fT
td
tr
ts
tf
MHZ
ns
ns
Output capacitance
Cob
VCB = 10V, IE = 0, f = 1MHZ
pF
Base-emitter saturation voltage (Note 1)
Collector-emitter saturation voltage (Note 1)
IC = 500mA, IB = 50mA
IC = 500mA, IB = 50mA
VCE(sat)
VBE(sat)
V
V
IC = 150mA, IB = 15mA
IC = 150mA, IB = 15mA
Comchip Technology CO., LTD.
Page 2
REV:A
Fig.1 - Static Characteristic
Collector-Emitter Voltage, VCE (V)
0
2
4
6
8
10
12
0
0.05
0.10
0.15
0.20
0.25
IB=0.1mA
0.2mA
0.3mA
0.4mA
0.5mA
0.6mA
0.7mA
0.8mA
0.9mA
1.0mA
Common emitter
TA=25°C
Fig.2 - hFE ― IC
Collector Current, IC (mA)
0.1
1
10
100
600
0
100
200
300
400
500
Common emitter
VCE=10V
Typ
TA=25°C
TA=100°C
QW-JTR167
Note: 1. Pulse width ≤ 300µs, duty cycle ≤ 2%.
75
40
6
100
100
100
100
300
35
75
40
35
1.0
0.3
2.0
1.2
300
8
10
25
225
60



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com