Electronic Components Datasheet Search
  English  ▼

X  

S8050-J-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # S8050-J-HF
Description  General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

S8050-J-HF Datasheet(HTML) 2 Page - Comchip Technology

  S8050-J-HF Datasheet HTML 1Page - Comchip Technology S8050-J-HF Datasheet HTML 2Page - Comchip Technology S8050-J-HF Datasheet HTML 3Page - Comchip Technology S8050-J-HF Datasheet HTML 4Page - Comchip Technology S8050-J-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Parameter
Conditions
Max
Unit
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Emitter cut-off current
0.1
V
V
V
µA
V(BR)CEO
V(BR)CBO
V(BR)EBO
IEBO
IC = 1mA, IB = 0
IC = 100μA, IE = 0
IE = 100μA, IC = 0
VCE = 20V, IB = 0
Min
40
25
5
Collector cut-off current
DC current gain
0.1
400
ICEO
hFE(1)
VEB = 5V, IC = 0
120
Collector-emitter saturation voltage
Base-emitter saturation voltage
0.6
1.2
V
V
VCE(sat)
VBE(sat)
IC = 500mA, IB = 50mA
Transition frequency
fT
VCE = 6V, IC = 20mA, f = 30MHz
150
hFE(2)
50
Collector cut-off current
0.1
ICBO
VCB = 40V, IE = 0
VCE = 1V, IC = 50mA
MHz
VCE = 1V, IC = 500mA
IC = 500mA, IB = 50mA
Range
Rank
Classification of hFE (1)
S8050-L-HF
S8050-J-HF
120-200
200-350
S8050-H-HF
300-400
µA
µA
Rating and Characteristic Curves (S8050-L/H/J-HF)
Collector-Emitter Voltage, VCE (V)
Fig.1 - Static Characteristic
0
4
8
12
16
20
20
0
40
60
80
100
Common
Emitter
Ta = 25°C
400µA
100µA
150µA
200µA
250µA
300µA
350µA
IB=50µA
100
1000
10
1
Collector Current, IC (mA)
10
Fig.2 - hFE ― IC
100
500
Common Emitter
VCE=1V
Ta=25°C
Ta=100°C
Comchip Technology CO., LTD.
General Purpose Transistors
QW-JTR109
REV:B
Page 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com