Electronic Components Datasheet Search
  English  ▼

X  

SM4002 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SM4002
Description  SM4002 DATA SHEET Push-On N Male to N Female Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SM4002 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SM4002 Datasheet HTML 1Page - Infinite Electronics International, Inc. SM4002 Datasheet HTML 2Page - Infinite Electronics International, Inc. SM4002 Datasheet HTML 3Page - Infinite Electronics International, Inc. SM4002 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV 1.1 Page 1 of 4
Copyright © 2016
Push-on type N male to type N female adapter part number SM4002 from Fairview
Microwave is in-stock and ships same day. This Fairview type N to type N adapter
has a male to female gender configuration. SM4002 type N male to type N female
adapter operates to 18 GHz. The Fairview Microwave RF adapter provides good
VSWR of 1.3:1 maximum.
RF adapters can be used to enable connections between two connector types
that would otherwise not mate. Certain RF adapter configurations can also be
used to protect connectors on expensive equipment where the number of connect
and disconnect cycles is high. An RF, microwave, or millimeter wave adapter is
connected to the equipment and the commonly changed connection is made with
the adapter which can be easily replaced when it wears out after high usage;
such adapters are referred to as connector savers. Fairview Microwave also offers
bulkhead, panel mount, hermetically sealed, reverse polarity, and isolated ground
adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
18
GHz
VSWR
1.3:1
Operating Voltage (AC)
1,000
Vrms
DWV (AC)
2,500
Vrms
Electrical Specification Notes:
Values at 25°C, sea level.
Mechanical Specifications
Size
Length
1.33 in [33.78 mm]
Width
0.79 in [20.07 mm]
.
Weight
0.0965 lbs [43.77 g]
Description
Connector 1
Connector 2
Type
N Male
N Female
Connection Method
Push-On
Polarity
Standard
Standard
Push-On N Male to N Female Adapter
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
•Push-On N Male Connector 1
•N Female Connector 2
•50 Ohm
•Straight Body Geometry
Features:
• VSWR of 1.3:1 max
up to 18 GHz
• 0.3 µm minimum contact plating
• Gold Plated Contact
Applications:
• General Purpose Test
SM4002
DATA SHEET


Similar Part No. - SM4002

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SM4002 RECTRON-SM4002 Datasheet
21Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Bytes
SM4002 BYTES-SM4002 Datasheet
149Kb / 2P
1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Shanghai Lunsure Electr...
SM4002 CHENYI-SM4002 Datasheet
142Kb / 2P
SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
logo
Dc Components
SM4002 DCCOM-SM4002 Datasheet
358Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
Formosa MS
SM4002 FORMOSA-SM4002 Datasheet
65Kb / 2P
Glass passivated type
More results

Similar Description - SM4002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9090 PASTERNACK-PE9090 Datasheet
254Kb / 3P
N Male to TNC Female Adapter
PE9111 PASTERNACK-PE9111 Datasheet
253Kb / 3P
N Male to UHF Female Adapter
PE9124 PASTERNACK-PE9124 Datasheet
251Kb / 3P
N Male to C Female Adapter
PE9194 PASTERNACK-PE9194 Datasheet
253Kb / 3P
N Female to HN Male Adapter
PE9311 PASTERNACK-PE9311 Datasheet
253Kb / 3P
N Male to N Female Adapter
PE9426 PASTERNACK-PE9426 Datasheet
239Kb / 2P
Precision N Male to N Female Adapter
PE9547 PASTERNACK-PE9547 Datasheet
344Kb / 3P
QD N Male to N Female Adapter
PE9595 PASTERNACK-PE9595 Datasheet
359Kb / 4P
N Male to N Female Bulkhead Adapter
PE91114 PASTERNACK-PE91114 Datasheet
358Kb / 4P
Push-On N Male to N Female Adapter
PE91336 PASTERNACK-PE91336 Datasheet
354Kb / 3P
Push-On SMA Male to SMA Female Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com